Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFX200B-4FE680I Datasheet(PDF) 2 Page - Lattice Semiconductor

No. de pieza LFX200B-4FE680I
Descripción Electrónicos  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX200B-4FE680I Datasheet(HTML) 2 Page - Lattice Semiconductor

  LFX200B-4FE680I Datasheet HTML 1Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 2Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 3Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 4Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 5Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 6Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 7Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 8Page - Lattice Semiconductor LFX200B-4FE680I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
2
ispXPGA Family Overview
The ispXPGA family of devices provides the ideal vehicle for the creation of high-performance logic designs that
are both non-volatile and infinitely re-programmable. Other FPGA solutions force a compromise, being either re-
programmable or non-volatile. This family couples this capability with a mainstream architecture containing the fea-
tures required for today’s system-level design.
The ispXPGA family is available in two options. The standard device supports sysHSI capability for ultra fast serial
communications while the lower-cost “E-Series” supports the same high-performance FPGA fabric without the
sysHSI Block.
Electrically Erasable CMOS (E
2CMOS) memory cells provide the ispXPGA family with non-volatile capability.
These allow logic to be functional microseconds after power is applied, allowing easy interfacing in many applica-
tions. This capability also means that expensive external configuration memories are not required and that designs
can be secured from unauthorized read back. Internal SRAM cells allow the device to be infinitely reconfigured if
desired. Both the SRAM and E
2CMOS cells can be programmed and verified through the IEEE 1532 industry stan-
dard. Additionally, the SRAM cells can be configured and read-back through the sysCONFIG™ peripheral port.
The family spans the density and I/O range required for the majority of today’s logic designs, 139K to 1.25M system
gates and 160 to 496 I/O. The devices are available for operation from 1.8V, 2.5V, and 3.3V power supplies, provid-
ing easy integration into the overall system.
System-level design needs are met through the incorporation of sysMEM dual-port memory blocks, sysIO
advanced I/O support, and sysCLOCK Phase Locked Loops (PLLs). High-speed serial communications are sup-
ported through multiple sysHSI blocks, which provide clock data recovery (CDR) and serialization/de-serialization
(SERDES).
The ispLEVER™ design tool from Lattice allows easy implementation of designs using the ispXPGA product. Syn-
thesis library support is available for major logic synthesis tools. The ispLEVER tool takes the output from these
common synthesis packages and place and routes the design in the ispXPGA product. The tool supports floor
planning and the management of other constraints within the device. The tool also provides outputs to common
timing analysis tools for timing analysis.
To increase designer productivity, Lattice provides a variety of pre-designed modules referred to as IP cores for the
ispXPGA product. These IP cores allow designers to concentrate on the unique portions of their design while using
pre-designed blocks to implement standard functions such as bus interfaces, standard communication interfaces,
and memory controllers.
Through the use of advanced technology and innovative architecture the ispXPGA FPGA devices provide design-
ers with excellent speed performance. Although design dependent, many typical designs can run at over 150MHz.
Certain designs can run at over 300MHz. Table 2 details the performance of several building blocks commonly
used by logic designers.
Table 2. ispXPGA Speed Performance for Typical Building Blocks
Function
Performance
8:1 Asynch MUX
150 MHz
1:32 Asynch Demultiplexer
125 MHz
8 x 8 2-LL Pipelined Multiplier
225 MHz
32-bit Up/Down Counter
290 MHz
32-bit Shift Register
360 MHz


Número de pieza similar - LFX200B-4FE680I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFX200B-4F900C LATTICE-LFX200B-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX200B-4F900I LATTICE-LFX200B-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Descripción similar - LFX200B-4FE680I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com