Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LFX1200EC-5F900I Datasheet(PDF) 1 Page - Lattice Semiconductor |
|
LFX1200EC-5F900I Datasheet(HTML) 1 Page - Lattice Semiconductor |
1 / 115 page www.latticesemi.com 1 DS1026_14.1 ispXPGA Family July 2008 Data Sheet DS1026 ® © 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. Includes High- Performanc e, Low-Cost “E-Series” ■ Non-volatile, Infinitely Reconfigurable • Instant-on - Powers up in microseconds via on-chip E 2CMOS® based memory • No external configuration memory • Excellent design security, no bit stream to intercept • Reconfigure SRAM based logic in milliseconds ■ High Logic Density for System-level Integration • 139K to 1.25M system gates • 160 to 496 I/O • 1.8V, 2.5V, and 3.3V VCC operation • Up to 414Kb sysMEM™ embedded memory ■ High Performance Programmable Function Unit (PFU) • Four LUT-4 per PFU supports wide and narrow functions • Dual flip-flops per LUT-4 for extensive pipelining • Dedicated logic for adders, multipliers, multiplex- ers, and counters ■ Flexible Memory Resources • Multiple sysMEM Embedded RAM Blocks – Single port, Dual port, and FIFO operation • 64-bit distributed memory in each PFU – Single port, Double port, FIFO, and Shift Register operation ■ Flexible Programming, Reconfiguration, and Testing • Supports IEEE 1532 and 1149.1 • Microprocessor configuration interface • Program E 2CMOS while operating from SRAM ■ Eight sysCLOCK™ Phase Locked Loops (PLLs) for Clock Management • True PLL technology • 10MHz to 320MHz operation • Clock multiplication and division • Phase adjustment • Shift clocks in 250ps steps ■ sysIO™ for High System Performance • High speed memory support through SSTL and HSTL • Advanced buses supported through PCI, GTL+, LVDS, BLVDS, and LVPECL • Standard logic supported through LVTTL, LVCMOS 3.3, 2.5 and 1.8 • 5V tolerant I/O for LVCMOS 3.3 and LVTTL interfaces • Programmable drive strength for series termination • Programmable bus maintenance ■ Two Options Available • High-performance sysHSI (standard part number) • Low-cost, no sysHSI (“E-Series”) ■ sysHSI™ Capability for Ultra Fast Serial Communications • Up to 800Mbps performance • Up to 20 channels per device • Built in Clock Data Recovery (CDR) and Serialization and De-serialization (SERDES) Table 1. ispXPGA Family Selection Guide ispXPGA 125/E ispXPGA 200/E ispXPGA 500/E ispXPGA 1200/E System Gates 139K 210K 476K 1.25M PFUs 484 676 1764 3844 LUT-4s 1936 2704 7056 15376 Logic FFs 3.8K 5.4K 14.1K 30.7K sysMEM Memory 92K 111K 184K 414K Distributed Memory 30K 43K 112K 246K EBR 20 24 40 90 sysHSI Channels 1 4 8 12 20 User I/O 160/176 160/208 336 496 Packaging 256 fpBGA 516 fpBGA 2 256 fpBGA 516 fpBGA 2 516 fpBGA 2 900 fpBGA 680 fpSBGA 2 900 fpBGA 1. “E-Series” does not support sysHSI. 2. FH516 package was converted to F516 via PCN# 09A-08. |
Número de pieza similar - LFX1200EC-5F900I |
|
Descripción similar - LFX1200EC-5F900I |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |