Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LFE235E-6TN114I Datasheet(PDF) 3 Page - Lattice Semiconductor |
|
LFE235E-6TN114I Datasheet(HTML) 3 Page - Lattice Semiconductor |
3 / 386 page 1-2 Introduction Lattice Semiconductor LatticeECP2/M Family Data Sheet Table 1-2. LatticeECP2M (Including “S-Series”) Family Selection Guide Introduction The LatticeECP2/M family of FPGA devices is optimized to deliver high performance features such as advanced DSP blocks, high speed SERDES (LatticeECP2M family only) and high speed source synchronous interfaces in an economical FPGA fabric. This combination was achieved through advances in device architecture and the use of 90nm technology. The LatticeECP2/M FPGA fabric is optimized with high performance and low cost in mind. The LatticeECP2/M devices include LUT-based logic, distributed and embedded memory, Phase Locked Loops (PLLs), Delay Locked Loops (DLLs), pre-engineered source synchronous I/O support, enhanced sysDSP blocks and advanced configu- ration support, including encryption (“S” versions only) and dual boot capabilities. The LatticeECP2M device family features high speed SERDES with PCS. These high jitter tolerance and low trans- mission jitter SERDES with PCS blocks can be configured to support an array of popular data protocols including PCI Express, Ethernet (1GbE and SGMII), OBSAI and CPRI. Transmit Pre-emphasis and Receive Equalization settings make SERDES suitable for chip to chip and small form factor backplane applications. The ispLEVER ® design tool suite from Lattice allows large complex designs to be efficiently implemented using the LatticeECP2/M FPGA family. Synthesis library support for LatticeECP2/M is available for popular logic synthesis tools. The ispLEVER tool uses the synthesis tool output along with the constraints from its floor planning tools to place and route the design in the LatticeECP2/M device. The ispLEVER tool extracts the timing from the routing and back-annotates it into the design for timing verification. Lattice provides many pre-engineered IP (Intellectual Property) ispLeverCORE™ modules for the LatticeECP2/M family. By using these IP cores as standardized blocks, designers are free to concentrate on the unique aspects of their design, increasing their productivity. Device ECP2M20 ECP2M35 ECP2M50 ECP2M70 ECP2M100 LUTs (K) 19 34 48 67 95 sysMEM Blocks (18kb) 66 114 225 246 288 Embedded Memory (Kbits) 1217 2101 4147 4534 5308 Distributed Memory (Kbits) 41 71 101 145 202 sysDSP Blocks 6 8 22 24 42 18x18 Multipliers 24 32 88 96 168 GPLL+SPLL+DLL 2+6+2 2+6+2 2+6+2 2+6+2 2+6+2 Maximum Available I/O 304 410 410 436 520 Packages and SERDES / I/O Combinations 256-ball fpBGA (17 x 17 mm) 4 / 140 4 / 140 484-ball fpBGA (23 x 23 mm) 4 / 304 4 / 303 4 / 270 672-ball fpBGA (27 x 27 mm) 4 / 410 8 / 372 900-ball fpBGA (31 x 31 mm) 8 / 410 16 / 416 16 / 416 1152-ball fpBGA (35 x 35 mm) 16 / 436 16 / 520 |
Número de pieza similar - LFE235E-6TN114I |
|
Descripción similar - LFE235E-6TN114I |