Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFE250E-6QN208I Datasheet(PDF) 10 Page - Lattice Semiconductor

No. de pieza LFE250E-6QN208I
Descripción Electrónicos  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE250E-6QN208I Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LFE250E-6QN208I Datasheet HTML 6Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 7Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 8Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 9Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 10Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 11Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 12Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 13Page - Lattice Semiconductor LFE250E-6QN208I Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 386 page
background image
2-7
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-5. General Purpose PLL (GPLL) Diagram
Standard PLL (SPLL)
Some of the larger devices have two to six Standard PLLs (SPLLs). SPLLs have the same features as GPLLs but
without delay adjustment capability. SPLLs also provide different parametric specifications. For more information,
please see the list of additional technical documentation at the end of this data sheet.
Table 2-4 provides a description of the signals in the GPLL and SPLL blocks.
Table 2-4. GPLL and SPLL Blocks Signal Descriptions
Signal
I/O
Description
CLKI
I
Clock input from external pin or routing
CLKFB
I
PLL feedback input from CLKOP (PLL internal), from clock net (CLKOP) or from a user clock
(PIN or logic)
RST
I
“1” to reset PLL counters, VCO, charge pumps and M-dividers
RSTK
I
“1” to reset K-divider
CLKOS
O
PLL output clock to clock tree (phase shifted/duty cycle changed)
CLKOP
O
PLL output clock to clock tree (no phase shift)
CLKOK
O
PLL output to clock tree through secondary clock divider
LOCK
O
“1” indicates PLL LOCK to CLKI
DDAMODE
1
I
Dynamic Delay Enable. “1”: Pin control (dynamic), “0”: Fuse Control (static)
DDAIZR
1
I
Dynamic Delay Zero. “1”: delay = 0, “0”: delay = on
DDAILAG
1
I
Dynamic Delay Lag/Lead. “1”: Lead, “0”: Lag
DDAIDEL[2:0]
1
I
Dynamic Delay Input
DPA MODES
I
DPA (Dynamic Phase Adjust/Duty Cycle Select) mode
DPHASE [3:0]
I
DPA Phase Adjust inputs
DDDUTY [3:0]
DPA Duty Cycle Select inputs
1. These signals are not available in SPLL.
Input Clock
Divider
(CLKI)
Feedback
Divider
(CLKFB)
Delay
Adjust
Voltage
Controlled
Oscillator
Post Scalar
Divider
(CLKOP)
Phase/Duty
Select
Secondary
Divider
(CLKOK)
CLKOS
CLKOK
CLKOP
LOCK
CLKFB
CLKI
RST
Dynamic Delay Adjustment
(from routing or external pin)
from CLKOP (PLL internal),
from clock net(CLKOP) or from
a user clock (pin or logic)
Dynamic Adjustment
PLLCAP External Pin
(Optional External Capacitor)
RSTK


Número de pieza similar - LFE250E-6QN208I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Descripción similar - LFE250E-6QN208I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com