Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC4256B-5FN256AC1 Datasheet(PDF) 3 Page - Lattice Semiconductor

No. de pieza LC4256B-5FN256AC1
Descripción Electrónicos  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-5FN256AC1 Datasheet(HTML) 3 Page - Lattice Semiconductor

  LC4256B-5FN256AC1 Datasheet HTML 1Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 2Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 3Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 4Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 5Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 6Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 7Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 8Page - Lattice Semiconductor LC4256B-5FN256AC1 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
3
Figure 1. Functional Block Diagram
The I/Os in the ispMACH 4000 are split into two banks. Each bank has a separate I/O power supply. Inputs can
support a variety of standards independent of the chip or bank power supply. Outputs support the standards com-
patible with the power supply provided to the bank. Support for a variety of standards helps designers implement
designs in mixed voltage environments. In addition, 5V tolerant inputs are specified within an I/O bank that is con-
nected to VCCO of 3.0V to 3.6V for LVCMOS 3.3, LVTTL and PCI interfaces.
ispMACH 4000 Architecture
There are a total of two GLBs in the ispMACH 4032, increasing to 32 GLBs in the ispMACH 4512. Each GLB has
36 inputs. All GLB inputs come from the GRP and all outputs from the GLB are brought back into the GRP to be
connected to the inputs of any other GLB on the device. Even if feedback signals return to the same GLB, they still
must go through the GRP. This mechanism ensures that GLBs communicate with each other with consistent and
predictable delays. The outputs from the GLB are also sent to the ORP. The ORP then sends them to the associ-
ated I/O cells in the I/O block.
Generic Logic Block
The ispMACH 4000 GLB consists of a programmable AND array, logic allocator, 16 macrocells and a GLB clock
generator. Macrocells are decoupled from the product terms through the logic allocator and the I/O pins are decou-
pled from macrocells through the ORP. Figure 2 illustrates the GLB.
I/O
Block
ORP
ORP
16
16
36
Generic
Logic
Block
Generic
Logic
Block
I/O
Block
ORP
ORP
16
36
Generic
Logic
Block
Generic
Logic
Block
I/O
Block
I/O
Block
36
36
16
16
16
16
16


Número de pieza similar - LC4256B-5FN256AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LC4256B-5F256AC LATTICE-LC4256B-5F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256AI LATTICE-LC4256B-5F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256BC LATTICE-LC4256B-5F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-5F256BI LATTICE-LC4256B-5F256BI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Descripción similar - LC4256B-5FN256AC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com