Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFEC15E-5TN100I Datasheet(PDF) 9 Page - Lattice Semiconductor

No. de pieza LFEC15E-5TN100I
Descripción Electrónicos  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC15E-5TN100I Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LFEC15E-5TN100I Datasheet HTML 5Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 6Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 7Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 8Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 9Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 10Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 11Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 12Page - Lattice Semiconductor LFEC15E-5TN100I Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 163 page
background image
2-6
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-5. Distributed Memory Primitives
ROM Mode: The ROM mode uses the same principal as the RAM modes, but without the Write port. Pre-loading is
accomplished through the programming interface during configuration.
PFU Modes of Operation
Slices can be combined within a PFU to form larger functions. Table 2-4 tabulates these modes and documents the
functionality possible at the PFU level.
Table 2-4. PFU Modes of Operation
Logic
Ripple
RAM
1
ROM
LUT 4x8 or
MUX 2x1 x 8
2-bit Add x 4
SPR16x2 x 4
DPR16x2 x 2
ROM16x1 x 8
LUT 5x4 or
MUX 4x1 x 4
2-bit Sub x 4
SPR16x4 x 2
DPR16x4 x 1
ROM16x2 x 4
LUT 6x 2 or
MUX 8x1 x 2
2-bit Counter x 4
SPR16x8 x 1
ROM16x4 x 2
LUT 7x1 or
MUX 16x1 x 1
2-bit Comp x 4
ROM16x8 x 1
1. These modes are not available in PFF blocks
DO1
DO0
DI0
DI1
AD0
AD1
AD2
AD3
WRE
CK
DO0
AD0
AD1
AD2
AD3
DPR16x2
SPR16x2
ROM16x1
RDO1
RDO0
DI0
DI1
WCK
WRE
WDO1
WDO0
WAD0
WAD1
WAD2
WAD3
RAD0
RAD1
RAD2
RAD3


Número de pieza similar - LFEC15E-5TN100I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFEC15E-5T100C LATTICE-LFEC15E-5T100C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC15E-5T100I LATTICE-LFEC15E-5T100I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC15E-5T144C LATTICE-LFEC15E-5T144C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC15E-5T144I LATTICE-LFEC15E-5T144I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Descripción similar - LFEC15E-5TN100I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com