Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC5256MV-45FN672I Datasheet(PDF) 8 Page - Lattice Semiconductor

No. de pieza LC5256MV-45FN672I
Descripción Electrónicos  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MV-45FN672I Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button LC5256MV-45FN672I Datasheet HTML 4Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 5Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 6Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 7Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 8Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 9Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 10Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 11Page - Lattice Semiconductor LC5256MV-45FN672I Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
8
Macrocell
The 32 registered macrocells in the MFB are driven by the 32 outputs from the PTSA or the PTSA bypass. Each
macrocell contains a programmable XOR gate, a programmable register/latch flip-flop and the necessary clocks
and control logic to allow combinatorial or registered operation. All macrocells have an output that feeds the GRP.
Selected macrocells have an additional output that feeds the OSA and hence I/Os. This dual or concurrent output
capability from the macrocell gives efficient use of the hardware resources. One output can be a registered function
for example, while the other output can be an unrelated combinatorial function. A direct register input from the I/O
cell facilitates efficient use of the macrocell to construct high-speed input registers. Macrocell registers can be
clocked from one of several global or product term clocks available on the device. A global and product term clock
enable is also provided, eliminating the need to gate the clock to the macrocell registers directly. Reset and preset
for the macrocell register is provided from both global and product term signals. The macrocell register can be pro-
grammed to operate as a D-type register or a D-type latch. Figure 8 is a graphical representation of the macrocell.
Figure 8. Macrocell
Memory Modes
The ispXPLD 5000MX architecture allows the MFB to be configured as a variety of memory blocks as detailed in
Table 4. The remainder of this section details operation of each of the memory modes. Additional information
regarding the memory modes can also be found in technical note number TN1030, Using Memory in ispXPLD
5000MX Devices.
PTSA Bypass
From
I/O Cell
Output to
I/O Block
GRP
PT Clock
From PTSA
PT Preset
PT Reset
Shared PT Reset
Shared
PT CE
CLK0
CLK1
Shared PT Clock
CLK2
CLK3
Global Reset
Clk En
Clk
R/L
D
PR
Q


Número de pieza similar - LC5256MV-45FN672I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-5F256C LATTICE-LC5256MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-75F256C LATTICE-LC5256MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Descripción similar - LC5256MV-45FN672I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com