Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA024-025-35-35 Datasheet(PDF) 1 Page - Transcom, Inc.

No. de pieza TA024-025-35-35
Descripción Electrónicos  2.4 -2.5 GHz 4 W Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA024-025-35-35 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA024-025-35-35 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA024-025-35-35
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
2.4 –2.5 GHz 4 W Amplifier
FEATURES
• P
-1 dB: 36 dBm
• IP3: 46 dBm
• Bias Condition: 1.7 A @ 8 V
• Small Signal Gain: 36 dB
DESCRIPTION
The TA024-025-35-35 is a PCB based 4 W power amplifier designed for operation in the 2.4 to 2.5 GHz
frequency range. This amplifier utilizes high power devices that provide excellent linearity and high gain.
High efficiency operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT devices.
The amplifier requires a +8V DC power supply and a –2V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
2.4
2.5
GHz
SSG
Small Signal Gain
35
36*
dB
GOF
Small Signal Gain Flatness
± 0.5
± 1
dB
P-1 dB
Output Power at 1 dB Gain Compression
35
36
dBm
IP3
Third Order Intercept Point
45
46
dBm
VSWR, IN
Input VSWR
1.7:1
2: 1
-
VDC
DC Supply Voltage (with built-in regulator)
8
Volt
Vg
Gate Voltage
-2
Volt
IDC
Current Supply
1.7
1.9
A
OTR
Operating Temperature Range
-30
60
°C
∗ Actual gain and current depend on configuration.
CASE: HA7
Note: The previous product part number of TA024-025-35-35 is TC5151K.


Número de pieza similar - TA024-025-35-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TA024-060-23-32 TRANSCOM-TA024-060-23-32 Datasheet
17Kb / 1P
   2.4 - 6.0 GHz 33 dBm Amplifier
More results

Descripción similar - TA024-025-35-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
   ISM Power Amplifier 2.4 - 2.5 GHz
logo
List of Unclassifed Man...
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
   2.4~2.5 GHz High Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com