Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2035D1YZFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2035D1YZFT
Descripción Electrónicos  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2035D1YZFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2035D1YZFT Datasheet HTML 6Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 10Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 11Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 12Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 13Page - Texas Instruments TPA2035D1YZFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
Advantages of Fully Differential Amplifiers
SHORT CIRCUIT AUTO-RECOVERY
COMPONENT SELECTION
Decoupling Capacitor (CS)
Input Capacitors (CI)
TPA2035D1
SLOS562 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com
The device is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback specifies that the common-mode voltage at the output is biased around VDD/2
regardless of the common-mode voltage at the input. The fully differential TPA2035D1 can still be used with a
single-ended input; however, the TPA2035D1 should be used with differential inputs when in a noisy
environment, like a wireless handset, to ensure maximum noise rejection.
• Input-coupling capacitors not required:
The fully differential amplifier allows the inputs to be biased at voltage other than mid-supply. The inputs of
the TPA2035D1 can be biased anywhere within the common mode input voltage range listed in the
Recommended Operating Conditions table. If the inputs are biased outside of that range, input-coupling
capacitors are required.
• Midsupply bypass capacitor, C
(BYPASS), not required:
The fully differential amplifier does not require a bypass capacitor. Any shift in the midsupply affects both
positive and negative channels equally and cancels at the differential output.
• Better RF-immunity:
GSM handsets save power by turning on and shutting off the RF transmitter at a rate of 217 Hz. The
transmitted signal is picked-up on input and output traces. The fully differential amplifier cancels the signal
better than the typical audio amplifier.
When a short circuit event happens, the TPA2035D1 goes to shutdown mode and tries to reactivate itself after
20
µs. This auto-recovery will continue until the short circuit event stops. This feature can protect the device
without affecting the device's long term reliability.
Figure 29 shows the TPA2035D1 typical schematic with differential inputs, while Figure 30 shows the
TPA2035D1 with differential inputs and input capacitors. Figure 31 shows the TPA2035D1 with a single-ended
input.
The TPA2035D1 is a high-performance class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor, typically
1
µF, placed as close as possible to the device V
DD lead works best. Placing this decoupling capacitor close to
the TPA2035D1 is important for the efficiency of the class-D amplifier, because any resistance or inductance in
the trace between the device and the capacitor can cause a loss in efficiency. For filtering lower-frequency noise
signals, a 10
µF or greater capacitor placed near the audio power amplifier would also help, but it is not required
in most applications because of the high PSRR of this device. Typically, the smaller the capacitor's case size, the
lower the inductance and the closer it can be placed to the TPA2035D1.
The TPA2035D1 does not require input coupling capacitors if the design uses a differential source that is biased
within the common-mode input voltage range. That voltage range is listed in the Recommended Operating
Conditions table. If the input signal is not biased within the recommended common-mode input range, such as in
needing to use the input as a high pass filter, shown in Figure 30, or if using a single-ended source, shown in
Figure 31, input coupling capacitors are required. The same value capacitors should be used on both IN+ and
IN– for best pop performance.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2035D1


Número de pieza similar - TPA2035D1YZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2035D1 TI1-TPA2035D1 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Descripción similar - TPA2035D1YZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com