Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6720S2TR1PBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF6720S2TR1PBF
Descripción Electrónicos  DirectFET TM Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6720S2TR1PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6720S2TR1PBF Datasheet HTML 1Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 2Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 3Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 4Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 5Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 6Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 7Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 8Page - International Rectifier IRF6720S2TR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6720S2TR/TR1PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 15. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typ. Forward Transconductance vs. Drain Current
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
5
10
15
20
25
30
35
0
2040
6080
100
ID,Drain-to-Source Current (A)
0
10
20
30
40
50
TJ = 25°C
TJ = 175°C
VDS = 15V
2 380µs PULSE WIDTH
0.01
0.10
1.00
10.00
100.00
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY RDS(on)
TA = 25°C
TJ = 150°C
Single Pulse
100µsec
1msec
10msec
DC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0
1
10
100
TJ = 175°C
TJ = 25°C
TJ = -40°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
40
80
120
160
200
240
280
320
ID
TOP
1.5A
2.4A
BOTTOM 8.8A


Número de pieza similar - IRF6720S2TR1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6720S2TR1PBF IRF-IRF6720S2TR1PBF_09 Datasheet
279Kb / 10P
   DirectFETPower MOSFET
More results

Descripción similar - IRF6720S2TR1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6641TRPBF IRF-IRF6641TRPBF Datasheet
250Kb / 9P
   DirectFET TM Power MOSFET
IRF6626 IRF-IRF6626 Datasheet
632Kb / 9P
   DirectFET TM Power MOSFET
IRF6712SPBF IRF-IRF6712SPBF_08 Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TRPBF IRF-IRF6641TRPBF_07 Datasheet
244Kb / 9P
   DirectFET TM Power MOSFET
IRF6713SPBF IRF-IRF6713SPBF Datasheet
226Kb / 9P
   DirectFET TM Power MOSFET
IRF6641TR1PBF IRF-IRF6641TR1PBF Datasheet
250Kb / 9P
   DirectFET TM MOSFET
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com