Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1963A-18KTTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL1963A-18KTTR
Descripción Electrónicos  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-18KTTR Datasheet(HTML) 5 Page - Texas Instruments

  TL1963A-18KTTR Datasheet HTML 1Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 2Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 3Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 4Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 5Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 6Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 7Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 8Page - Texas Instruments TL1963A-18KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TL1963A-xx
www.ti.com ........................................................................................................................................................ SLVS719A – JUNE 2008 – REVISED AUGUST 2008
ELECTRICAL CHARACTERISTICS (continued)
Over operating temperature range TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP(2)
MAX
UNIT
25°C
0.02
0.06
ILOAD = 1 mA
Full range
0.1
25°C
0.1
0.17
ILOAD = 100 mA
Full range
0.22
Dropout voltage(4)(6)(7)
VDROPOUT
V
VIN = VOUT(NOMINAL)
25°C
0.19
0.27
ILOAD = 500 mA
Full range
0.35
25°C
0.34
0.45
ILOAD = 1.5 A
Full range
0.55
ILOAD = 0 mA
Full range
1
1.5
ILOAD = 1 mA
Full range
1.1
1.6
GND pin current(7)(8)
IGND
ILOAD = 100 mA
Full range
3.8
5.5
mA
VIN = VOUT(NOMINAL) + 1
ILOAD = 500 mA
Full range
15
25
ILOAD = 1.5 A
Full range
80
120
COUT = 10 µF, ILOAD = 1.5 A,
eN
Output voltage noise
25°C
40
µV
RMS
BW = 10 Hz to 100 kHz
IADJ
ADJ pin bias current(3)(9)
25°C
3
10
µA
VOUT = OFF to ON
Full range
0.9
2
Shutdown threshold
V
VOUT = ON to OFF
Full range
0.25
0.75
VSHDN = 0 V
25°C
0.01
1
ISHDN
SHDN pin current
µA
VSHDN = 20 V
25°C
3
30
Quiescent current in
VIN = 6 V, VSHDN = 0 V
25°C
0.01
1
µA
shutdown
VIN – VOUT = 1.5 V (avg), VRIPPLE = 0.5 VP-P,
Ripple rejection
25°C
55
63
dB
fRIPPLE = 120 Hz, ILOAD = 0.75 A
VIN = 7 V, VOUT = 0 V
25°C
2
ILIMIT
Current limit
A
VIN = VOUT(NOMINAL) + 1
Full range
1.6
Input reverse leakage
IIL
VIN = –20 V, VOUT = 0 V
Full range
1
mA
current
TL1963A-1.5
VOUT = 1.5 V, VIN < 1.5 V
25°C
600
1200
TL1963A-1.8
VOUT = 1.8 V, VIN < 1.8 V
25°C
600
1200
IRO
Reverse output current(10)
TL1963A-2.5
VOUT = 2.5 V, VIN < 2.5 V
25°C
600
1200
µA
TL1963A-3.3
VOUT = 3.3 V, VIN < 3.3 V
25°C
600
1200
TL1963A
VOUT = 1.21 V, VIN < 1.21 V
25°C
300
600
(6)
Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a specified output current. In
dropout, the output voltage is equal to: VIN – VDROPOUT.
(7)
To satisfy requirements for minimum input voltage, the TL1963A (adjustable version) is tested and specified for these conditions with an
external resistor divider (two 4.12-k
Ω resistors) for an output voltage of 2.4 V. The external resistor divider adds a 300-mA DC load on
the output.
(8)
GND pin current is tested with VIN = (VOUT(NOMINAL) + 1 V) and a current source load. The GND pin current decreases at higher input
voltages.
(9)
ADJ pin bias current flows into the ADJ pin.
(10) Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output voltage. This current flows into the
OUT pin and out the GND pin.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Número de pieza similar - TL1963A-18KTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1963A-18KTTR TI-TL1963A-18KTTR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18KTTR TI-TL1963A-18KTTR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18KTTR TI1-TL1963A-18KTTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18KTTRG3 TI-TL1963A-18KTTRG3 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18KTTRG3 TI-TL1963A-18KTTRG3 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Descripción similar - TL1963A-18KTTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com