Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3223TMX Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN3223TMX
Descripción Electrónicos  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3223TMX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN3223TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 9Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 10Page - Fairchild Semiconductor FAN3223TMX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.5
7
Electrical Characteristics
Unless otherwise noted, VDD=12V, TJ=-40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
Supply
VDD
Operating Range
4.5
18.0
V
All except FAN3225C
0.70
0.95
mA
IDD
Supply Current,
Inputs / EN Not Connected
FAN3225C
(8)
0.21
0.35
mA
VON
Turn-On Voltage
INA=ENA=VDD, INB=ENB=0V
3.5
3.9
4.3
V
VOFF
Turn-Off Voltage
INA=ENA=VDD, INB=ENB=0V
3.3
3.7
4.1
V
Inputs (FAN322xT)
(9)
VIL_T
INx Logic Low Threshold
0.8
1.2
V
VIH_T
INx Logic High Threshold
1.6
2.0
V
IIN+
Non-inverting Input
IN from 0 to VDD
-1.5
175.0
µA
IIN-
Inverting Input
IN from 0 to VDD
-175.0
1.5
µA
VHYS_T
TTL Logic Hysteresis Voltage
0.2
0.4
0.8
V
Inputs (FAN322xC)
(9)
VIL_C
INx Logic Low Threshold
30
38
%VDD
VIH_C
INx Logic High Threshold
55
70
%VDD
IINL
IN Current, Low
IN from 0 to VDD
-1
175
µA
IINH
IN Current, High
IN from 0 to VDD
-175
1
µA
VHYS_C
CMOS Logic Hysteresis Voltage
17
%VDD
ENABLE (FAN3223C, FAN3223T, FAN3224C, FAN3224T)
VENL
Enable Logic Low Threshold
EN from 5V to 0V
0.8
1.2
V
VENH
Enable Logic High Threshold
EN from 0V to 5V
1.6
2.0
V
VHYS_T
TTL Logic Hysteresis Voltage
(10)
0.4
V
RPU
Enable Pull-up Resistance
(10)
100
kΩ
tD1, tD2
Propagation Delay, EN Rising
(11)
0 - 5VIN, 1V/ns Slew Rate
9
17
26
ns
tD1, tD2
Propagation Delay, EN Falling
(11)
0 - 5VIN, 1V/ns Slew Rate
11
18
28
ns
Continued on the following page…


Número de pieza similar - FAN3223TMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3223TMX FAIRCHILD-FAN3223TMX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223TMX FAIRCHILD-FAN3223TMX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3223TMX ONSEMI-FAN3223TMX Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223TMX-F085 ONSEMI-FAN3223TMX-F085 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3223TMX FAIRCHILD-FAN3223TMX_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3223TMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com