Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5355UC06X Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5355UC06X
Descripción Electrónicos  1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5355UC06X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5355UC06X Datasheet HTML 2Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 3Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 4Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 5Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 6Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 7Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 8Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 9Page - Fairchild Semiconductor FAN5355UC06X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
© 2008 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FAN5355 • Rev. 1.0.4
Electrical Specifications (Continued)
VIN = 3.6V, EN = VIN, VSEL = VIN, SYNC = GND, VSEL0(6) bit = 1, CONTROL2[4:3] = 00. TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = 25°C. Circuit and components according to Figure 1
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Regulation
IOUT(DC) = 0, Forced PWM, VOUT = 1.35V
–1.5
1.5
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.5375,
IOUT(DC) = 0 to 800mA, Forced PWM
–2
2
%
Option 00
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.5375,
IOUT(DC) = 0 to 800mA, NPFM Mode
–1.5
3.5
%
IOUT(DC) = 0, Forced PWM, VOUT = 1.20V
–1.5
1.5
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.4375,
IOUT(DC) = 0 to 800mA, Forced PWM
–2
2
%
Option 02
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.4375,
IOUT(DC) = 0 to 800mA, NPFM Mode
–1.5
3.5
%
IOUT(DC) = 0, Forced PWM, VOUT = 1.20V
–1.5
1.5
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.5375,
IOUT(DC) = 0 to 800mA, Forced PWM
–2
2
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.5375,
IOUT(DC) = 0 to 800mA, NPFM Mode
–1.5
3.5
%
Option 03
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.5375,
IOUT(DC) = 0 to 800mA, EPFM Mode
–0.5
2
%
IOUT(DC) = 0, Forced PWM, VOUT = 1.800V
–1.5
1.5
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 1.185 to 1.975,
IOUT(DC) = 0 to 1A, Forced PWM
–2
2
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 1.185 to 1.975,
IOUT(DC) = 0 to 1A, NPFM Mode
–1.5
3.5
%
Option 06
2.7V ≤ VIN ≤ 5.5V, VOUT from 1.185 to 1.975,
IOUT(DC) = 0 to 1A, EPFM Mode
–0.5
2
%
IOUT(DC) = 0, Forced PWM, VOUT = 1.35V
–1.5
1.5
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.6875,
IOUT(DC) = 0 to 1A, Forced PWM
–2
2
%
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.6875,
IOUT(DC) = 0 to 1A, NPFM Mode
–1.5
3.5
%
VOUT
VOUT Accuracy
Option 07
2.7V ≤ VIN ≤ 5.5V, VOUT from 0.75 to 1.6875,
IOUT(DC) = 0 to 1A, EPFM Mode
–0.5
2
%
LOAD
OUT
I
V
Δ
Δ
Load Regulation
IOUT(DC) = 0 to 800mA, Forced PWM
–0.5
%/A
IN
OUT
V
V
Δ
Δ
Line Regulation
2.7V ≤ VIN ≤ 5.5V, IOUT(DC) = 300mA
0
%/V
PWM Mode, VOUT = 1.35V
2.2
mVP-P
VRIPPLE
Output Ripple Voltage
PFM Mode, IOUT(DC) = 10mA
20
mVP-P
Continued on the following page…


Número de pieza similar - FAN5355UC06X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5355UC06X FAIRCHILD-FAN5355UC06X Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5355UC06X FAIRCHILD-FAN5355UC06X Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN5355UC06X ONSEMI-FAN5355UC06X Datasheet
1Mb / 27P
   1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator
Rev. 1.1.7
More results

Descripción similar - FAN5355UC06X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355_10 Datasheet
2Mb / 26P
   1A / 0.8A, 3MHz Digitally Programmable Regulator
FAN5365 FAIRCHILD-FAN5365 Datasheet
1,020Kb / 24P
   1A / 0.8A, 6MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
   Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
   Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
   3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
ON Semiconductor
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
   5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com