Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4010 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN4010
Descripción Electrónicos  High-Side Current Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4010 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN4010_08 Datasheet HTML 1Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 2Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 3Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 4Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 5Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 6Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 7Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 8Page - Fairchild Semiconductor FAN4010_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4010 Rev. 1.0.5
4
Electrical Characteristics at +5V
TA = 25°C, Vs = VIN = 5V, ROUT = 100Ω, RSENSE = 100Ω, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Frequency Domain Response
BWss
Small Signal Bandwidth
PIN = -40dBm(2),
VSENSE = 10mV
600
kHz
BWLs
Large Signal Bandwidth
PIN = -20dBm(3),
VSENSE = 100mV
2
MHz
VIN
Input Voltage Range
VIN = Vs
26
V
IOUT
Output Current(1,4)
VSENSE = 0V
0
1
9
μA
VSENSE = 10mV
90
100
110
μA
VSENSE = 100mV
0.975
1.000
1.025
mA
VSENSE = 200mV
1.95
2.00
2.05
mA
VSENSE = 1V
9.7
10.0
10.3
mA
Is
Supply Current(1)
VSENSE = 0V, GND pin current
3.5
5.0
μA
ISENSE
Load Pin Input Current
2nA
ACY
Accuracy
RSENSE = 100Ω,
RSENSE = 200mV(1)
-2.5
-0.2
2.5
%
Gm
Transconductance
IOUT /VSENSE
10000
μA/V
Notes:
100% tested at 25˚C.
-40dBm = 6.3mVpp into 50Ω.
-20dBm = 63mVpp into 50Ω.
Includes input offset voltage contribution.
1.
2.
3.
4.


Número de pieza similar - FAN4010_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4010IL6X FAIRCHILD-FAN4010IL6X Datasheet
246Kb / 10P
   High-Side Current Sensor
logo
ON Semiconductor
FAN4010IL6X ONSEMI-FAN4010IL6X Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
FAN4010IL6X-F113 ONSEMI-FAN4010IL6X-F113 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Fairchild Semiconductor
FAN4010IS5X FAIRCHILD-FAN4010IS5X Datasheet
246Kb / 10P
   High-Side Current Sensor
More results

Descripción similar - FAN4010_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4010 FAIRCHILD-FAN4010 Datasheet
246Kb / 10P
   High-Side Current Sensor
logo
ON Semiconductor
FAN4010 ONSEMI-FAN4010 Datasheet
192Kb / 9P
   High-Side Current Sensor
November-2017, Rev. 2
logo
Microchip Technology
PAC1921 MICROCHIP-PAC1921 Datasheet
1Mb / 56P
   High-Side Current/Power Sensor
01/27/15
logo
Texas Instruments
BQ500100 TI1-BQ500100 Datasheet
332Kb / 18P
[Old version datasheet]   High-Side Current Sensor for Wireless Charging
logo
Supertex, Inc
HV7800 SUTEX-HV7800 Datasheet
365Kb / 6P
   High Side Current Monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009_11 Datasheet
203Kb / 8P
   HIGH-SIDE CURRENT MONITOR
logo
TECH PUBLIC Electronics...
TP1001S3 TECHPUBLIC-TP1001S3 Datasheet
1Mb / 5P
   HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
   High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
   HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com