Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5308MPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN5308MPX
Descripción Electrónicos  800mA High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5308MPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5308MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5308MPX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5308 Rev. 1.0.2
7
Block Diagram
Figure 15. Block Diagram
Detailed Operation Description
The FAN5308 is a step-down converter operating in a
current-mode PFM/PWM architecture with a typical
switching frequency of 1.3MHz. At moderate to heavy
loads, the converter operates in pulse-width-modulation
(PWM) mode. At light loads, the converter enters a
power-save mode (PFM pulse skipping) to keep the effi-
ciency high.
PWM Mode
In PWM mode, the device operates at a fixed frequency
of 1.3MHz. At the beginning of each clock cycle, the P-
channel transistor is turned on. The inductor current
ramps up and is monitored via an internal circuit. The P-
channel switch is turned off when the sensed current
causes the PWM comparator to trip when the output volt-
age is in regulation or when the inductor current reaches
the current limit (set internally to typically 1500mA). After
a minimum dead time, the N-channel transistor is turned
on and the inductor current ramps down. As the clock
cycle is completed, the N-channel switch is turned off
and the next clock cycle starts.
PFM (Power-Save) Mode
As the load current decreases and the inductor current
reaches negative value, the converter enters pulse-fre-
quency-modulation (PFM) mode. The transition point for
the PFM mode is given by the equation:
The typical output current, when the device enters PFM
mode, is 150mA for input voltage of 3.6V and output volt-
age of 1.2V. In PFM mode, the device operates with a
variable frequency and constant peak current, thus
reducing the quiescent current to minimum. Conse-
quently, the high efficiency is maintained at light loads.
As soon as the output voltage falls below a threshold, set
at 0.8% above the nominal value, the P-channel transis-
tor is turned on and the inductor current ramps up. The
P-channel switch turns off and the N-channel turns on as
the peak inductor current is reached (typical 450mA).
FB
ERROR
AMP
NEG.
LIMIT
COMP
PFM
COMP
LOGIC
CONTROL
OVER-
VOLTAGE
COMP
UNDER-VOLTAGE
LOCKOUT
MOSFET
DRIVER
OSC
SLOPE COMPENSATION
REF
FB
REF
IS
IS
CURRENT
SENSE
NEG.
LIMIT
SENSE
DIGITAL
SOFT START
IS
GND
SW
V
IN
EN
GND
0.8V
COMP
I
OUT
V
OUT
1
V
OUT VIN
()
2Lf
×
×
--------------------------------------------
×
=
EQ. 1


Número de pieza similar - FAN5308MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Descripción similar - FAN5308MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
logo
Unisonic Technologies
UC3666 UTC-UC3666 Datasheet
190Kb / 8P
   DUAL CHANNEL 800mA HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com