Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5631 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5631
Descripción Electrónicos  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5631 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5631_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 10Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN5631_07 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
8
Block Diagram
UVLO
+
-
SHUTDOWN
CONTROL
LOGIC
CONFIGURATION
PULSE_SKIP
SHORT_CKT.
+
-
+
-
+
-
THERMAL
SHUTDOWN
IN
OUT
Vref RAMP
FB
FB
OUTPUT
150mV
1V
0.5* INPUT
VOLTAGE
REF.
SOFT START
Vref RAMP
OSCILLATOR
(2MHz)
C+
C-
ENABLE
V IN
GND.
D
R
I
V
E
R
S
0.25SW1
0.25SW1
0.25SW4
0.25SW4 0.5SW4
0.25SW3
0.25SW3 0.5SW3
0.5SW2
0.25SW2
0.25SW2
0.5SW1
FB
VOUT
Figure 14.
Block Diagram
Detailed Description
The FAN5631 / FAN5632 switched capacitor DC/DC
converter automatically configures switches to achieve
high efficiency and provides a regulated output voltage
by
means
of
pulse
skipping,
pulse
frequency
modulation (PFM). An internal soft-start circuit prevents
excessive inrush current from the supply. Each switch is
split into three segments. Based on the values of VIN,
VOUT, and IOUT; an internal circuit determines the
number of segments used to reduce current spikes.
Step-Down Charge Pump Operation
When VIN ≥ 2 × VOUT/9, the 2:1 configuration shown in
Figure 15 is enabled. The factor 0.9 is used instead of 1
to account for the effect of resistive losses across the
switches and to accommodate hysteresis in the voltage
detector comparator. Two-phase, non-overlapping clock
signals are generated to drive four switches. When
switches 1 and 3 are on, switches 2 and 4 are off and
CB is charged. When switches 2 and 4 are on, 1 and 3
are off and charge is transferred from CB to COUT.
When VIN ≥ 2 × VOUT/9, the 1:1 configuration shown in
Figure 16 is enabled. In the 1:1 configuration, switch 3
is always off and the switch 4 is always on. At 1.6V
output setting, the configuration changes from 2:1 to 1:1
at VIN=3.56V. At 1.3V output setting, the change occurs
at VIN=3.06V.
Pulse-skipping PFM and Fractional Switch
Operation
When the regulated output voltage reaches its upper
limit, the switches are turned off and the output voltage
reaches its lower limit. In a step-down 2:1 mode of
operation, with 1.6V output as an example; when the
output reaches about 1.62V (upper limit), the control
logic turns off all switches: switching stops completely.
This is pulse-skipping mode. Since the supply is
isolated from the output, the output voltage drops. Once
the output is dropped to about 1.58V (lower limit), the
device returns to regular switching mode with one
quarter of each switch turning on first. Another quarter
of each switch is turned on if VOUT cannot reach
regulation by the third charge cycle. Full switch
operation occurs only during star-up or under heavy-
load condition, when half switch operation cannot
achieve regulation within seven charge cycles.
Soft-Start
The soft-start feature limits inrush current when the
device is initially powered up and enabled. The
reference voltage is used to control the rate of the
output voltage ramp-up to its final value. Typical start-up
time is 1ms. Since the rate of the output voltage ramp-
up is controlled by an internally generated slow ramp,
pulse-skipping
occurs
and
inrush
current
is
automatically limited.


Número de pieza similar - FAN5631_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5631MPX FAIRCHILD-FAN5631MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Descripción similar - FAN5631_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com