Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCAS30DN60BB Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FCAS30DN60BB
Descripción Electrónicos  Smart Power Module for SRM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCAS30DN60BB Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FCAS30DN60BB Datasheet HTML 1Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 2Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 3Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 4Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 5Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 6Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 7Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 8Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
FCAS30DN60BB Rev. A
Absolute Maximum Ratings (TJ = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
1. The maximum junction temperature rating of the power chips integrated within the module is 150
°C(@TC ≤ 100°C). However, to insure safe operation, the average junction
temperature should be limited to TJ(ave) ≤ 125°C (@TC ≤ 100°C)
Control Part
Total System
Thermal Resistance
Note:
2. For the measurement point of case temperature (TC), please refer to Figure 2.
Package Marking & Ordering Information
Symbol
Parameter
Conditions
Rating
Units
VPN(Surge)
Supply Voltage (Surge)
Applied between P- N
550
V
VCES
Collector-emitter Voltage
600
V
± IC
Each IGBT Collector Current
TC = 25°C
30
A
± ICP
Each IGBT Collector Current (Peak)
TC = 25°C, Under 1ms Pulse Width
60
A
PC
Collector Dissipation
TC = 25°C per One IGBT
39
W
TJ
Operating Junction Temperature
(Note 1)
-20 ~ 125
°C
Symbol
Parameter
Conditions
Rating
Units
VCC
Control Supply Voltage
Applied between VCC - COM
20
V
VBS
High-side Control Bias Voltage
Applied between VB - VS
20
V
VIN
Input Signal Voltage
Applied between IN(H), IN(L) - COM
-0.3~17
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3~VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current Sensing Input Voltage
Applied between CSC - COM
-0.3~VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Units
VPN(PROT)
Self Protection Supply Voltage Limit
(Short Circuit Protection Capability)
VCC = VBS = 13.5 ~ 16.5V
TJ = 125°C, Non-repetitive, less than 2μs
400
V
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60Hz, Sinusoidal, AC 1 minute, Connection
Pins to IMS
1500
Vrms
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Rth(j-c)Q
Junction to Case Thermal
Resistance
Each IGBT under Operating Condition
-
-
3.2
°C/W
Rth(j-c)F
Each FWDi under Operating Condition
-
-
7.5
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FCAS30DN60BB
FCAS30DN60BB
SPM20-BC
_
_
11


Número de pieza similar - FCAS30DN60BB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
More results

Descripción similar - FCAS30DN60BB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com