Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD5N50U Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDD5N50U
Descripción Electrónicos  N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50U Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDD5N50U Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDD5N50U Rev. A
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD5N50U
FDD5N50UTM
D-PAK
380mm
16mm
2500
FDD5N50U
FDD5N50UTF
D-PAK
380mm
16mm
2000
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V, TJ = 25oC
500
-
-
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25oC-
0.6
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V
-
-
25
µA
VDS = 400V, TC = 125oC
-
-
250
IGSS
Gate to Body Leakage Current
VGS = ±30V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA3
-
5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 1.5A
-
1.65
2
gFS
Forward Transconductance
VDS = 20V, ID = 1.5A
(Note 4)
-4
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
485
650
pF
Coss
Output Capacitance
-
65
90
pF
Crss
Reverse Transfer Capacitance
-
5
8
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 400V, ID = 5A
VGS = 10V
(Note 4, 5)
-11
15
nC
Qgs
Gate to Source Gate Charge
-
3
-
nC
Qgd
Gate to Drain “Miller” Charge
-
5
-
nC
td(on)
Turn-On Delay Time
VDD = 250V, ID = 5A
RG = 25Ω
(Note 4, 5)
-14
38
ns
tr
Turn-On Rise Time
-
21
52
ns
td(off)
Turn-Off Delay Time
-
27
64
ns
tf
Turn-Off Fall Time
-
20
50
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
3
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
12
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 3A
-
-
1.6
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 5A
dIF/dt = 100A/µs
(Note 4)
-36
-
ns
Qrr
Reverse Recovery Charge
-
33
-
nC
Notes:
1: Repetitive Rating: Pulse width limited by maximum junction temperature
2: L = 61mH, IAS = 3A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3: ISD ≤ 3A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4: Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5: Essentially Independent of Operating Temperature Typical Characteristics


Número de pieza similar - FDD5N50U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FDD5N50U ISC-FDD5N50U Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD5N50U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDL100N50F FAIRCHILD-FDL100N50F Datasheet
725Kb / 8P
   N-Channel MOSFET,FRFET 500V, 100A, 0.055廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP20N50F FAIRCHILD-FDP20N50F_11 Datasheet
375Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com