Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS5351 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDS5351
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET 60V, 6.1A, 35m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5351 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS5351 Datasheet HTML 1Page - Fairchild Semiconductor FDS5351 Datasheet HTML 2Page - Fairchild Semiconductor FDS5351 Datasheet HTML 3Page - Fairchild Semiconductor FDS5351 Datasheet HTML 4Page - Fairchild Semiconductor FDS5351 Datasheet HTML 5Page - Fairchild Semiconductor FDS5351 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.fairchildsemi.com
5
©2008 Fairchild Semiconductor Corporation
FDS5351 Rev.C
Figure 13. Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
2
SINGLE PULSE
RθJA = 125
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Número de pieza similar - FDS5351

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
FDS516 FS-FDS516 Datasheet
532Kb / 4P
   FAST SWITCHING DIODE
logo
Fairchild Semiconductor
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
logo
First Silicon Co., Ltd
FDS56 FS-FDS56 Datasheet
98Kb / 2P
   Dual Swtiching Diode
logo
Fairchild Semiconductor
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDS5670-NL VBSEMI-FDS5670-NL Datasheet
966Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - FDS5351

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685_08 Datasheet
432Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -32A, 35m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDB039N06 FAIRCHILD-FDB039N06_12 Datasheet
271Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP025N06 FAIRCHILD-FDP025N06 Datasheet
600Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDP040N06 FAIRCHILD-FDP040N06 Datasheet
592Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0m廓
FDB024N06 FAIRCHILD-FDB024N06 Datasheet
619Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.4m廓
FDI025N06 FAIRCHILD-FDI025N06 Datasheet
540Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com