Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSB50450T Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FSB50450T
Descripción Electrónicos  Smart Power Module (SPM짰)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450T Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSB50450T_07 Datasheet HTML 1Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 2Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 3Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 4Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 5Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 6Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 7Page - Fairchild Semiconductor FSB50450T_07 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB50450T Rev. B
May 2007
FSB50450T
Smart Power Module (SPM®)
Features
• 500V 3.0A 3-phase FRFET inverter including high voltage
integrated circuit (HVIC)
• 3 divided negative dc-link terminals for inverter current sens-
ing applications
• HVIC for gate driving and undervoltage protection
• 3/5V CMOS/TTL compatible, active-high interface
• Optimized for low electromagnetic interference
• Isolation voltage rating of 1500Vrms for 1min.
• Extended VB pin for PCB isolation
General Description
FSB50450T is a tiny smart power module (SPM®) based on
FRFET technology as a compact inverter solution for small
power motor drive applications such as fan motors and water
suppliers. It is composed of 6 fast-recovery MOSFET (FRFET),
and 3 half-bridge HVICs for FRFET gate driving. FSB50450T
provides low electromagnetic interference (EMI) characteristics
with optimized switching speed. Moreover, since it employs
FRFET as a power switch, it has much better ruggedness and
larger safe operation area (SOA) than that of an IGBT-based
power module or one-chip solution. The package is optimized
for the thermal performance and compactness for the use in the
built-in motor application and any other application where the
assembly space is concerned. FSB50450T is the most solution
for the compact inverter providing the energy efficiency,
compactness, and low electromagnetic interference.
Absolute Maximum Ratings
Symbol
Parameter
Conditions
Rating
Units
VPN
DC Link Input Voltage,
Drain-source Voltage of each FRFET
500
V
ID25
Each FRFET Drain Current, Continuous
TC = 25°C
1.5
A
ID80
Each FRFET Drain Current, Continuous
TC = 100°C
1.0
A
IDP
Each FRFET Drain Current, Peak
TC = 25°C, PW < 100μs
3.0
A
PD
Maximum Power Dissipation
TC = 25°C, Each FRFET
10
W
VCC
Control Supply Voltage
Applied between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied between VB(U)-U, VB(V)-V, VB(W)-W
20
V
VIN
Input Signal Voltage
Applied between IN and COM
-0.3 ~ VCC+0.3
V
TJ
Operating Junction Temperature
-20 ~ 150
°C
TSTG
Storage Temperature
-50 ~ 150
°C
RθJC
Junction to Case Thermal Resistance
Each FRFET under inverter operating con-
dition (Note 1)
8.9
°C/W
VISO
Isolation Voltage
60Hz, Sinusoidal, 1 minute, Connection
pins to heatsink
1500
Vrms


Número de pieza similar - FSB50450T_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50450T FAIRCHILD-FSB50450T Datasheet
237Kb / 8P
   Smart Power Module (SPM)
More results

Descripción similar - FSB50450T_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com