Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL2601 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza HCPL2601
Descripción Electrónicos  High Speed 10MBit/s Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2601 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HCPL2601 Datasheet HTML 1Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 2Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 3Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 4Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 5Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2601 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7
5
Typical Performance Curves
Fig.1 Low Level Output Voltage vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
IF – FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
IOL = 16mA
Fig. 4 Low Level Output Current
vs. Ambient Temperature
-40
-20
0
20
40
60
80
-40
-20
0
20
40
60
80
IF = 5mA
IF = 10mA
IF = 15mA
Fig. 5 Input Threshold Current
vs. Ambient Temperature
RL = 350Ω
RL = 1kΩ
RL = 4kΩ
Fig. 6 Output Voltage vs. Input Forward Current
RL = 350Ω
RL = 1kΩ
RL = 4kΩ
IOL = 6.4mA
IOL = 9.6mA
IOL = 12.8 mA
Conditions:
IF = 5 mA
VE = 2 V
VCC = 5.5V
Conditions:
VCC = 5.0 V
VO = 0.6 V
Fig. 2 Input Diode Forward Voltage
vs. Forward Current
VF – FORWARD VOLTAGE (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Conditions:
VCC = 5V
VE = 2V
VOL = 0.6V
Fig.3 Switching Time vs. Forward Current
5
01
2
345
6
79
11
13
15
V
CC
= 5 V
RL = 1 kΩ (TPLH)
RL = 4 kΩ (TPLH)
RL = 350 Ω (TPLH)
RL = 1 kΩ
RL = 4 kΩ
RL = 350 kΩ
(TPHL)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
2
3
4
0
20
40
60
80
100
120
20
25
30
35
40
45
50
0
1
2
3
4
5
6
0.001
0.01
0.1
1
10
16
30


Número de pieza similar - HCPL2601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL2601 HP-HCPL2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Fairchild Semiconductor
HCPL2601M FAIRCHILD-HCPL2601M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL2601M ONSEMI-HCPL2601M Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
More results

Descripción similar - HCPL2601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com