Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL2631V Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
HCPL2631V Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 12 page ©2005 Fairchild Semiconductor Corporation www.fairchildsemi.com 6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7 2 Absolute Maximum Ratings (T A = 25°C unless otherwise specified) Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. *6.3mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is 5.0mA or less. Symbol Parameter Value Units TSTG Storage Temperature -55 to +125 °C TOPR Operating Temperature -40 to +85 °C TSOL Lead Solder Temperature 260 for 10 sec °C EMITTER IF DC/Average Forward Single Channel 50 mA Input Current Dual Channel (Each Channel) 30 VE Enable Input Voltage Not to Exceed VCC by more than 500mV Single Channel 5.5 V VR Reverse Input Voltage Each Channel 5.0 V PI Power Dissipation Single Channel 100 mW Dual Channel (Each Channel) 45 DETECTOR VCC (1 minute max) Supply Voltage 7.0 V IO Output Current Single Channel 50 mA Dual Channel (Each Channel) 50 VO Output Voltage Each Channel 7.0 V PO Collector Output Single Channel 85 mW Power Dissipation Dual Channel (Each Channel) 60 Symbol Parameter Min. Max. Units IFL Input Current, Low Level 0 250 µA IFH Input Current, High Level *6.3 15 mA VCC Supply Voltage, Output 4.5 5.5 V VEL Enable Voltage, Low Level 0 0.8 V VEH Enable Voltage, High Level 2.0 VCC V TA Low Level Supply Current -40 +85 °C NFan Out (TTL load) 8 |
Número de pieza similar - HCPL2631V |
|
Descripción similar - HCPL2631V |