Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN102 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN102
Descripción Electrónicos  Primary-Side-Control PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN102 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN102 Datasheet HTML 2Page - Fairchild Semiconductor FAN102 Datasheet HTML 3Page - Fairchild Semiconductor FAN102 Datasheet HTML 4Page - Fairchild Semiconductor FAN102 Datasheet HTML 5Page - Fairchild Semiconductor FAN102 Datasheet HTML 6Page - Fairchild Semiconductor FAN102 Datasheet HTML 7Page - Fairchild Semiconductor FAN102 Datasheet HTML 8Page - Fairchild Semiconductor FAN102 Datasheet HTML 9Page - Fairchild Semiconductor FAN102 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN102 Rev. 1.0.1
6
Electrical Characteristics
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage-Error-Amplifier Section
VVR
Reference Voltage
2.475
2.500
2.525
V
VN
Green Mode Starting Voltage on
COMV Pin
fS=fOSC-2KHz,
VVS=2.3V
2.8
V
VG
Green Mode Ending Voltage on
COMV Pin
fS=1KHz
0.8
V
IV-SINK
Output Sink Current
VVS=3V, VCOMV=2.5V
90
μA
IV-SOURCE
Output Source Current
VVS=2V, VCOMV=2.5V
90
μA
VV-HGH
Output High Voltage
VVS=2.3V
4.5
V
Current-Error-Amplifier Section
VIR
Reference Voltage
2.475
2.500
2.525
V
II-SINK
Output Sink Current
VCS=3V, VCOMI=2.5V
55
μA
II-SOURCE
Output Source Current
VCS=0V, VCOMI=2.5V
55
μA
VI-HGH
Output High Voltage
VCS=0V
4.5
V
Cable Compensation Section
VCOMR
Variation Test Voltage on COMR
Pin for Cable Compensation
RCOMR=100KΩ
0.735
V
Gate Section
DCYMAX
Maximum Duty Cycle
75
%
VOL
Output Voltage Low
VDD=20V, IO=10mA
1.5
V
VOH
Output Voltage High
VDD=8V, IO=1mA
5
V
VOH_MIN
Output Voltage High
VDD=5.5V, IO=1mA
4
V
tr
Rising Time
VDD=20V, CL=1nF
200
300
ns
tf
Falling Time
VDD=20V, CL=1nF
80
150
ns
VCLAMP
Output Clamp Voltage
VDD=25V
15
18
V
Over-Temperature-Protection Section
TOTP
Threshold Temperature for
OTP
(3)
+140
°C
Note:
3.
When over-temperature protection is activated, the power system enters latch mode and output is disabled.


Número de pieza similar - FAN102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN102 FAIRCHILD-FAN102 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
FAN102MY FAIRCHILD-FAN102MY Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
More results

Descripción similar - FAN102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN102 FAIRCHILD-FAN102_09 Datasheet
974Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com