Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFPF08S60SN Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFPF08S60SN
Descripción Electrónicos  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF08S60SN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF08S60SN Datasheet HTML 1Page - Fairchild Semiconductor FFPF08S60SN Datasheet HTML 2Page - Fairchild Semiconductor FFPF08S60SN Datasheet HTML 3Page - Fairchild Semiconductor FFPF08S60SN Datasheet HTML 4Page - Fairchild Semiconductor FFPF08S60SN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
May 2008
©2008 Fairchild Semiconductor Corporation
FFPF08S60SN Rev. A
www.fairchildsemi.com
1
STEALTH
II Rectifier
TM
FFPF08S60SN
Features
• High Speed Switching, trr < 25ns @ IF = 8A
• High Reverse Voltage and High Reliability
• RoHS compliant
Applications
• General Purpose
• Switching Mode Power Supply
• Boost Diode in continuous mode power factor corrections
• Power switching circuits
8A, 600V STEALTHTM II Rectifier
The FFPF08S60SN is STEALTHTM II rectifier with soft recovery
characteristics. It is silicon nitride passivated ion-implanted epi-
taxial planar construction.
This device is intended for use as freewheeling of boost diode in
switching power supplies and other power swithching applica-
tions. Their low stored charge and hyperfast soft recovery mini-
mize ringing and electrical noise in many power switching circuits
reducing power loss in the switching transistors.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 60
oC
8
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
60
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
6.8
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F08S60SN
FFPF08S60SNTU
TO220F-2L
-
-
50
1. Cathode
2. Anode
1. Cathode 2. Anode
TO-220F-2L


Número de pieza similar - FFPF08S60SN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST Datasheet
361Kb / 5P
   8 A, 600 V STEALTHTM II Diode
FFPF08S60STTU FAIRCHILD-FFPF08S60STTU Datasheet
361Kb / 5P
   8 A, 600 V STEALTHTM II Diode
FFPF08S60STU FAIRCHILD-FFPF08S60STU Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
More results

Descripción similar - FFPF08S60SN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
Silicon Supplies
MURC860 SS-MURC860 Datasheet
1Mb / 4P
   600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com