Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM50S3X Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FM50S3X
Descripción Electrónicos  Analog Temperature Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM50S3X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FM50S3X Datasheet HTML 1Page - Fairchild Semiconductor FM50S3X Datasheet HTML 2Page - Fairchild Semiconductor FM50S3X Datasheet HTML 3Page - Fairchild Semiconductor FM50S3X Datasheet HTML 4Page - Fairchild Semiconductor FM50S3X Datasheet HTML 5Page - Fairchild Semiconductor FM50S3X Datasheet HTML 6Page - Fairchild Semiconductor FM50S3X Datasheet HTML 7Page - Fairchild Semiconductor FM50S3X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FM50 • Rev. 1.1.1
6
Typical Application Circuits
Figure 7. Serial Output Temperature to Digital Converter (Full Scale = +125°C)
Figure 8. Parallel Output Temperature to Digital Converter (Full Scale = +125°C)
Figure 9. Thermostat / Fan Controller


Número de pieza similar - FM50S3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM50S3X FAIRCHILD-FM50S3X Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50S3X_NL FAIRCHILD-FM50S3X_NL Datasheet
41Kb / 8P
   Analog Temperature Sensor
More results

Descripción similar - FM50S3X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
   Analog Temperature Sensor
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
[Old version datasheet]   Multi-Gain Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com