Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8880 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS8880
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8880 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS8880 Datasheet HTML 1Page - Fairchild Semiconductor FDS8880 Datasheet HTML 2Page - Fairchild Semiconductor FDS8880 Datasheet HTML 3Page - Fairchild Semiconductor FDS8880 Datasheet HTML 4Page - Fairchild Semiconductor FDS8880 Datasheet HTML 5Page - Fairchild Semiconductor FDS8880 Datasheet HTML 6Page - Fairchild Semiconductor FDS8880 Datasheet HTML 7Page - Fairchild Semiconductor FDS8880 Datasheet HTML 8Page - Fairchild Semiconductor FDS8880 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8880 Rev. B
www.fairchildsemi.com
4
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
TA, AMBIENT TEMPERATURE (oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
Normalized Power Dissipation vs
Ambient Temperature
Figure 2.
0
2
4
6
8
10
12
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (oC)
RθJA=50oC/W
VGS = 10V
VGS = 4.5V
Maximum Continuous Drain Current vs
Ambient Temperature
Figure 3.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.001
0.01
0.1
1
SINGLE PULSE
R
θJA = 125
oC/W
0.0005
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4.
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
1000
V
GS = 10V
SINGLE PULSE
RθJA = 125
oC/W
T
A = 25
oC
t, PULSE WIDTH (s)
2000
0.5
Single Pulse Maximum Power Dissipation


Número de pieza similar - FDS8880

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8880 FAIRCHILD-FDS8880 Datasheet
259Kb / 12P
   N-Channel PowerTrench MOSFET
logo
Analog Devices
FDS8880 AD-FDS8880 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
FDS8880 AD-FDS8880 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

Descripción similar - FDS8880

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com