Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8896 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDS8896
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8896 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS8896 Datasheet HTML 1Page - Fairchild Semiconductor FDS8896 Datasheet HTML 2Page - Fairchild Semiconductor FDS8896 Datasheet HTML 3Page - Fairchild Semiconductor FDS8896 Datasheet HTML 4Page - Fairchild Semiconductor FDS8896 Datasheet HTML 5Page - Fairchild Semiconductor FDS8896 Datasheet HTML 6Page - Fairchild Semiconductor FDS8896 Datasheet HTML 7Page - Fairchild Semiconductor FDS8896 Datasheet HTML 8Page - Fairchild Semiconductor FDS8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8896 Rev. B
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
15
A
Continuous (TA = 25oC, VGS = 10V, RθJA = 50oC/W)
Continuous (TA = 25oC, VGS = 4.5V, RθJA = 50oC/W)
14
A
Pulsed
110
A
EAS
Single Pulse Avalanche Energy (Note 1)
196
mJ
PD
Power dissipation
2.5
W
Derate above 25oC
20
mW/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
Thermal Characteristics
RθJC
Thermal Resistance, Junction to Case (Note 2)
25
oC/W
RθJA
Thermal Resistance, Junction to Ambient (Note 2a)
50
oC/W
RθJA
Thermal Resistance, Junction to Ambient (Note 2b)
125
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8896
FDS8896
SO-8
330mm
12mm
2500 units
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TJ = 150oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
On Characteristics
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
-
2.5
V
rDS(on)
Drain to Source On Resistance
ID = 15A, VGS = 10V
-
4.9
6.0
m
ID = 14A, VGS = 4.5V
-
5.8
7.3
ID = 15A, VGS = 10V,
TJ = 150oC
-
7.8
10.1
Dynamic Characteristics
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
2525
-
pF
COSS
Output Capacitance
-
490
-
pF
CRSS
Reverse Transfer Capacitance
-
300
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
0.6
2.4
4.2
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 15A
Ig = 1.0mA
-
50
67
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
28
36
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
2.5
3.2
nC
Qgs
Gate to Source Gate Charge
-
7.0
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
4.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
11
-
nC


Número de pieza similar - FDS8896

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8896 FAIRCHILD-FDS8896 Datasheet
260Kb / 12P
   N-Channel PowerTrench MOSFET
FDS8896 FAIRCHILD-FDS8896 Datasheet
644Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Descripción similar - FDS8896

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com