Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8958A Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FDS8958A
Descripción Electrónicos  Dual N & P-Channel PowerTrenchO MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8958A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDS8958A_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS8958A_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDS8958A Rev F
3 (W)
Typical Characteristics: Q2 (P-Channel)
0
10
20
30
0
1
2
3
4
5
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-3.5V
-4.0V
-4.5V
-5.0V
-6.0V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-ID, DRAIN CURRENT (A)
VGS=-4.0V
-4.5V
-6.0V
-7.0V
-8.0V
-10V
-5.0V
Figure 12. On-Region Characteristics.
Figure 13. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (oC)
ID = -5A
VGS = -10V
0
0.05
0.1
0.15
0.2
0.25
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -2.5A
TA = 125
oC
TA = 25
oC
Figure 14. On-Resistance Variation with
Temperature.
Figure 15. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
1
1.5
2
2.5
3
3.5
4
4.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25oC
125oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS =0V
TA = 125
oC
25oC
-55oC
Figure 16. Transfer Characteristics.
Figure 17. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - FDS8958A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
More results

Descripción similar - FDS8958A_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG327NZ FAIRCHILD-FDG327NZ_08 Datasheet
497Kb / 5P
   20V N-Channel PowerTrenchO MOSFET
logo
Guangdong Youtai Semico...
IRF7309TR UMW-IRF7309TR Datasheet
2Mb / 11P
   Dual N P Channel MOSFET
IRF7389TR UMW-IRF7389TR Datasheet
443Kb / 10P
   Dual N P Channel MOSFET
IRF7319TR UMW-IRF7319TR Datasheet
430Kb / 10P
   Dual N P Channel MOSFET
logo
Fairchild Semiconductor
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4613 AOSMD-AO4613_10 Datasheet
219Kb / 7P
   30V Dual P N-Channel MOSFET
logo
Fairchild Semiconductor
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
logo
International Rectifier
IRF5851TRPBF IRF-IRF5851TRPBF Datasheet
255Kb / 14P
   Dual N and P Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com