Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN212ACGFX Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FIN212ACGFX
Descripción Electrónicos  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212ACGFX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN212ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 11Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 12Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 13Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.6
10
Application Diagrams (Continued)
G5
G6
C1
B5
A6
B3:E1
E2
F1
F2
G1
F6
G3
G4
SYS CLK
/WE
Baseband
Microprocessor
/RES
VDDP VDDS/A
CKREF
STROBE
DIRI
PLL1
PLL0
DATA[7:0]
CKP
DP[8:1]
DP[9]
A0
DP[11]
DP[12]
DP[10]
VDDS/A VDDP
VDD1
VDD1
VDD2
C5
C6
D6
D5
E6
E5
B6
E5
E6
D6
D5
C6
C5
B6
A6
B5
C1
B3:E1
E2
F1
F2
G1
F6
G3
G4
D3
E4
F4
E4
F4
D3
2.775
S1
S0
LCD Primary
Display
FIN212
Serializer
FIN212
Deserializer
CKP
STROBE
CKREF
DP[8:1]
DP[9]
DP[10]
DP[11]
DP[12]
DIRI
PWS1
PWS0
S1
S0
/WE
DATA[7:0]
C/D-
/CS
/RES
NC
NC
NC
NC
NC
NC
NC
NC
G5
G6
LCD Sub
Display
/CS0
/CS1
VDD2
/WE
DATA[7:0]
C/D-
/CS
/RES
CKSO+
CKSO-
DSO+/DSI-
DSO-/DSI+
CKSI -
CKSI+
/DIRO
CKSI+
CKSI-
DSO-/DSI+
DSO+/DSI-
CKSO-
CKSO+
/DIRO
VDD
Figure 6.
Dual Display with 8-Bit WRITE-Only Microcontroller Interface
(Example Shows BGA 42-Pin Package)
Serializer Configuration:
PLL Frequency Mode: MODE 1 (S1=0, S0=1) CKREF=26MHz
STROBE Frequency = 10 MHz
PLL Divide Mode: Divide-by 2 (PLL1=1, PLL0=0) Multiplier x 3.5
Deserializer Configuration:
Edge Rate Mode: SLOW MODE 1 (S1=1, S0=0)
Pulse Width Mode: 13-Bit Time Mode (PWS1=PWS0=0) (~71.4ns)
Additional Application Information
Flex Cabling:
The serial I/O information is transmitted at a high serial rate. Care must be taken implementing this
serial I/O flex cable. The following best practices should be used when developing the flex cabling or Flex PCB.
Keep all four differential Serial Wires the same length.
Do not allow noisy signals over or near differential serial wires.
Example: No LVCMOS traces over differential serial wires.
Use only one ground plane or wire over the differential serial wires. Do not run ground over top and bottom.
Design goal of 100-ohms differential characteristic impedance.
Do not place test points on differential serial wires.
Use differential serial wires a minimum of 2cm away from the antenna.
For additional applications notes or flex guidelines see your sales rep or contact Fairchild directly.


Número de pieza similar - FIN212ACGFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Descripción similar - FIN212ACGFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com