Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA431A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KA431A
Descripción Electrónicos  Programmable Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA431A Datasheet HTML 1Page - Fairchild Semiconductor KA431A Datasheet HTML 2Page - Fairchild Semiconductor KA431A Datasheet HTML 3Page - Fairchild Semiconductor KA431A Datasheet HTML 4Page - Fairchild Semiconductor KA431A Datasheet HTML 5Page - Fairchild Semiconductor KA431A Datasheet HTML 6Page - Fairchild Semiconductor KA431A Datasheet HTML 7Page - Fairchild Semiconductor KA431A Datasheet HTML 8Page - Fairchild Semiconductor KA431A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Device Number Rev. 1.0.8
KA431/KA431A/KA431L
Programmable Shunt Regulator
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.20 Typical
Description
The KA431/KA431A/KA431L are three-terminal adjustable
regulator series with a guaranteed thermal stability over
applicable temperature ranges. The output voltage may be
set to any value between VREF (approximately 2.5 volts)
and 36 volts with two external resistors These devices
have a typical dynamic output impedance of 0.2W active
output circuitry provides a very sharp turn on
characteristic,
making
these
devices
excellent
replacement for zener diodes in many applications.
May 2007
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
• Temperature Compensated for Operation Over
50ppm/°C Typical
• Low Output Noise Voltage
• Fast Turn-on Response
1
Full Rated Operating Temperature Range


Número de pieza similar - KA431A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA431A FAIRCHILD-KA431A Datasheet
90Kb / 12P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
230Kb / 11P
   Programmable Shunt Regulator
More results

Descripción similar - KA431A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com