Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQA36P15 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FQA36P15
Descripción Electrónicos  150V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA36P15 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQA36P15_07 Datasheet HTML 1Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 2Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 3Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 4Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 5Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 6Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 7Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 8Page - Fairchild Semiconductor FQA36P15_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.fairchildsemi.com
FQA36P15 / FQA36P15_F109 Rev. B1
Mechanical Dimensions (Continued)
TO-3PN
Dimensions in Millimeters


Número de pieza similar - FQA36P15_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
logo
Inchange Semiconductor ...
FQA36P15 ISC-FQA36P15 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FQA36P15_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
   150V P-Channel MOSFET
logo
TECH PUBLIC Electronics...
SI2325DS TECHPUBLIC-SI2325DS Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW2P15MI YFWDIODE-YFW2P15MI Datasheet
2Mb / 5P
   -150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AMJ YFWDIODE-YFW7P15AMJ Datasheet
5Mb / 6P
   -150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AD YFWDIODE-YFW7P15AD Datasheet
2Mb / 5P
   -150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
logo
TECH PUBLIC Electronics...
FDN86265P-TP TECHPUBLIC-FDN86265P-TP Datasheet
1Mb / 3P
   -150V,P-Channel Power Trench MOSFET
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
   -150V P-Channel MOSFETs
logo
Intersil Corporation
RFP10P15 INTERSIL-RFP10P15 Datasheet
305Kb / 5P
   -10A, -150V, 0.500 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com