Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6984AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDS6984AS
Descripción Electrónicos  Dual Notebook Power Supply N-Channel PowerTrench SyncFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6984AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6984AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 8Page - Fairchild Semiconductor FDS6984AS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
J
©2008 Fairchild Semiconductor Corporation
FDS6984AS Rev A1(X)
FDS6984AS
Dual Notebook Power Supply N-Channel PowerTrench
®
SyncFET
General Description
The FDS6984AS is designed to replace two single
SO-8 MOSFETs and Schottky diode in synchronous
DC:DC power supplies that provide various peripheral
voltages for notebook computers and other battery
powered electronic devices. FDS6984AS contains two
unique 30V, N-channel, logic level, PowerTrench
MOSFETs designed to maximize power conversion
efficiency.
The high-side switch (Q1) is designed with specific
emphasis on reducing switching losses while the low-
side switch (Q2) is optimized to reduce conduction
losses. Q2 also includes a patented combination of a
MOSFET monolithically integrated with a Schottky
diode.
Features
Q2:
Optimized to minimize conduction losses
Includes SyncFET Schottky diode
8.5A, 30V
R
DS(on) max= 20 mΩ @ VGS = 10V
R
DS(on) max= 28 mΩ @ VGS = 4.5V
Q1:
Optimized for low switching losses
Low gate charge (8nC typical)
5.5A, 30V
R
DS(on) max= 31 mΩ @ VGS = 10V
R
DS(on) max= 40 mΩ @ VGS = 4.5V
S2
SO-8
G2
S1
G1
D2
D2
D1
D1
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Q2
Q1
Units
VDSS
Drain-Source Voltage
30
30
V
VGSS
Gate-Source Voltage
±20
±20
V
ID
Drain Current
- Continuous
(Note 1a)
8.5
5.5
A
- Pulsed
30
20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6984AS
FDS6984AS
13”
12mm
2500 units
RoHS Compliant
May 2008


Número de pieza similar - FDS6984AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984AS_NL FAIRCHILD-FDS6984AS_NL Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
More results

Descripción similar - FDS6984AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982S FAIRCHILD-FDS6982S Datasheet
256Kb / 12P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFet?
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com