Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS16H100C Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STPS16H100C
Descripción Electrónicos  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16H100C Datasheet(HTML) 7 Page - STMicroelectronics

  STPS16H100C Datasheet HTML 1Page - STMicroelectronics STPS16H100C Datasheet HTML 2Page - STMicroelectronics STPS16H100C Datasheet HTML 3Page - STMicroelectronics STPS16H100C Datasheet HTML 4Page - STMicroelectronics STPS16H100C Datasheet HTML 5Page - STMicroelectronics STPS16H100C Datasheet HTML 6Page - STMicroelectronics STPS16H100C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STPS16H100CT/CG/CFP/CR
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS16H100CT
STPS16H100CT
TO-220AB
2.20 g
50
Tube
STPS16H100CFP
STPS16H100CFP
TO-220FPAB
2.0 g
50
Tube
STPS16H100CG
STPS16H100CG
D
2PAK
1.48 g
50
Tube
STPS16H100CG-TR
STPS16H100CG
D
2PAK
1.48 g
1000
Tape & reel
STPS16H100CR
STPS16H100CR
I
2PAK
1.9 g
50
Tube
s
EPOXY MEETS UL94,V0
PACKAGE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151


Número de pieza similar - STPS16H100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS160 STMICROELECTRONICS-STPS160 Datasheet
74Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS160-Y STMICROELECTRONICS-STPS160-Y Datasheet
168Kb / 9P
   Automotive power Schottky rectifier
STPS16045TV STMICROELECTRONICS-STPS16045TV Datasheet
49Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS160A STMICROELECTRONICS-STPS160A Datasheet
74Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS160H100TV STMICROELECTRONICS-STPS160H100TV Datasheet
117Kb / 5P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Descripción similar - STPS16H100C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com