Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34911BAC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza MC34911BAC
Descripción Electrónicos  LIN System Basis Chip with DC Motor Pre-driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34911BAC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34911BAC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VOLTAGE REGULATOR(24) (VDD)
Normal Mode Output Voltage
1.0mA < IVDD < 50mA; 5.5V < VSUP < 27V
VDDRUN
4.75
5.00
5.25
V
Normal Mode Output Current Limitation
IVDDRUN
60
110
200
mA
Dropout Voltage(25)
IVDD = 50mA
VDDDROP
0.1
0.25
V
Stop Mode Output Voltage
IVDD < 5 mA
VDDSTOP
4.75
5.0
5.25
V
Stop Mode Output Current Limitation
IVDDSTOP
6.0
12
36
mA
Line Regulation
Normal Mode, 5.5V < VSUP < 18V; IVDD = 10mA
Stop Mode, 5.5V < VSUP < 18V; IVDD = 1.0mA
LRRUN
LRSTOP
20
5.0
25
25
mV
Load Regulation
Normal Mode, 1.0mA < IVDD < 50mA
Stop Mode, 0.1mA < IVDD < 5mA
LDRUN
LDSTOP
15
10
80
50
mV
Over-temperature Prewarning (Junction)(26)
Interrupt generated, Bit VDDOT Set
TPRE
110
125
140
°C
Over-temperature Prewarning hysteresis(26)
TPRE_HYS
10
°C
Over-temperature Shutdown Temperature (Junction)(26)
TSD
155
170
185
°C
Over-temperature Shutdown hysteresis(26)
TSD_HYS
10
°C
Notes
24.
Specification with external capacitor 2µF < C < 100µF and 100m
Ω ≤ ESR 10Ω.
25.
Measured when voltage has dropped 250mV below its nominal Value (5V).
26.
This parameter is guaranteed by process monitoring but not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MC34911BAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34911BAC FREESCALE-MC34911BAC Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
More results

Descripción similar - MC34911BAC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com