Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU508AF Datasheet(PDF) 1 Page - STMicroelectronics |
|
BU508AF Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 11 page August 2007 Rev 2 1/11 11 BU508AF High voltage NPN power transistor for standard definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirement ■ Tight hFE range at operating collector current ■ High ruggedness ■ Fully insulated power package U.L. compliant Applications ■ Horizontal deflection output for CRT TV ■ Switch mode power supplies for CRT TV Description The BU508AF is manufactured using diffused collector in planar technology adopting new and enhanced high voltage structure for updated performance to the horizontal deflection stage. Figure 1. Internal schematic diagram ISOWATT218FX 1 2 3 Table 1. Device summary Order code Marking Package Packaging BU508AF BU508AF ISOWATT218FX Tube www.st.com |
Número de pieza similar - BU508AF |
|
Descripción similar - BU508AF |