Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB16NF06L Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STB16NF06L
Descripción Electrónicos  N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06L Datasheet(HTML) 4 Page - STMicroelectronics

  STB16NF06L_06 Datasheet HTML 1Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 2Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 3Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 4Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 5Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 6Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 7Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 8Page - STMicroelectronics STB16NF06L_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB16NF06L
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS =0
60
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating,
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 5V, ID = 8A
VGS = 10V, ID = 8A
0.08
0.07
0.10
0.09
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS>ID(on) x RDS(on)max,
ID =80A
17
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1MHz,
VGS = 0
345
72
29
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 30V, ID = 8A
RG =4.7Ω VGS = 4.5V
(see Figure 12)
10
37
20
12.5
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 48V, ID = 16A,
VGS = 4.5V, RG =4.7Ω
(see Figure 13)
7.3
2.1
3.1
10
nC
nC
nC


Número de pieza similar - STB16NF06L_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STB16NF06LT4 VBSEMI-STB16NF06LT4 Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Descripción similar - STB16NF06L_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
   P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
   N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
   N-channel 60V - 0.014廓 - 60A - D2PAK/I2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com