Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF25NM50N Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STF25NM50N
Descripción Electrónicos  N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STF25NM50N Datasheet HTML 1Page - STMicroelectronics STF25NM50N Datasheet HTML 2Page - STMicroelectronics STF25NM50N Datasheet HTML 3Page - STMicroelectronics STF25NM50N Datasheet HTML 4Page - STMicroelectronics STF25NM50N Datasheet HTML 5Page - STMicroelectronics STF25NM50N Datasheet HTML 6Page - STMicroelectronics STF25NM50N Datasheet HTML 7Page - STMicroelectronics STF25NM50N Datasheet HTML 8Page - STMicroelectronics STF25NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
January 2007
Rev 12
1/18
18
STB25NM50N/-1 - STF25NM50N
STP25NM50N - STW25NM50N
N-channel 500V - 0.11
Ω - 22A - TO-220 /FP- I2/D2PAK - TO-247
Second generation MDmesh™ Power MOSFET
General features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistancel
Description
This series of devices is realized with the second
generation of MDmesh™ Technology. This
revolutionary MOSFET associates a new vertical
structure to the Company’s strip layout to yield
one of the world’s lowest on-resistance and gate
charge. It is therefore suitable for the most
demanding high efficiency converters
Applications
Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STB25NM50N
550V
<0.140
22A
STB25NM50N-1
550V
<0.140
22A
STF25NM50N
550V
<0.140
22A(1)
1.
Limited only by maximum temperature allowed
STP25NM50N
550V
<0.140
22A
STW25NM50N
550V
<0.140
22A
1
2
3
1
2
3
1
3
1
2
3
TO-220FP
TO-220
I²PAK
D²PAK
TO-247
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB25NM50N
B25NM50N
D²PAK
Tape & reel
STB25NM50N-1
B25NM50N-1
I²PAK
Tube
STF25NM50N
F25NM50N
TO-220FP
Tube
STP25NM50N
P25NM50N
TO-220
Tube
STW25NM50N
W25NM50N
TO-247
Tube


Número de pieza similar - STF25NM50N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STF25NM50N STMICROELECTRONICS-STF25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STF25NM50N STMICROELECTRONICS-STF25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
More results

Descripción similar - STF25NM50N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB13NM50N STMICROELECTRONICS-STB13NM50N Datasheet
622Kb / 17P
   N-channel 500V - 0.250廓 - 12A - TO-220/FP - TO-247-I2/D2PAK Second generation MDmesh??Power MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com