Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK360 Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza 2SK360
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK360 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SK360 Datasheet HTML 1Page - Renesas Technology Corp 2SK360 Datasheet HTML 2Page - Renesas Technology Corp 2SK360 Datasheet HTML 3Page - Renesas Technology Corp 2SK360 Datasheet HTML 4Page - Renesas Technology Corp 2SK360 Datasheet HTML 5Page - Renesas Technology Corp 2SK360 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK360
Rev.2.00, Aug 10.2005, page 5 of 5
Package Dimensions
D
e
A
AA
b
xS
A
M
EHE
A
A2
A1
S
b
A-A Section
b1
c1
c
Qc
L
L1
LP
A3
Pattern of terminal position areas
I1
b2
e
e1
A
A1
A2
A3
b
b1
c
c1
D
E
e
HE
L
L1
LP
x
b2
e1
I1
Q
1.0
0
1.0
0.35
0.1
2.7
1.35
2.2
0.35
0.15
0.25
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
1.1
0.25
0.42
0.4
0.13
0.11
1.5
0.95
2.8
1.95
0.3
1.3
0.1
1.2
0.5
0.15
3.1
1.65
3.0
0.75
0.55
0.65
0.05
0.55
1.05
SC-59A
0.011g
MASS[Typ.]
MPAK(T) / MPAK(T)V,
MPAK / MPAKV
PLSP0003ZB-A
RENESAS Code
JEITA Package Code
Package Name
Ordering Information
Part Name
Quantity
Shipping Container
2SK360IGETL
3000
φ178mm Reel , 8mm Emboss Taping
2SK360IGFTL
3000
φ178mm Reel , 8mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Número de pieza similar - 2SK360

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK360 HITACHI-2SK360 Datasheet
24Kb / 5P
   Silicon N-Channel MOS FET
logo
Fuji Electric
2SK3600-01L FUJI-2SK3600-01L Datasheet
250Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3600-01S FUJI-2SK3600-01S Datasheet
250Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3600-01SJ FUJI-2SK3600-01SJ Datasheet
250Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3600L ISC-2SK3600L Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK360

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com