Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1305-E Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza 2SK1305-E
Descripción Electrónicos  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1305-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1305-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1305
Rev.2.00 Sep 07, 2005 page 4 of 6
80
Case Temperature TC (°C)
120
40
0
0.1
0.2
0.3
0.4
0.5
–40
0
160
Static Drain to Source on State
Resistance vs. Temperature
ID = 10 A
Pulse Test
VGS = 4 V
10 V
2 A
5 A
2 A
10 A
5 A
Forward Transfer Admittance
vs. Drain Current
50
20
10
5
2
1
0.1
0.2
0.5
1
2
10
Drain Current ID (A)
5
0.5
TC = –25°C
VDS = 10 V
Pulse Test
25
°C
75
°C
500
200
100
50
20
10
5
0.1
0.2
1
10
Reverse Drain Current IDR (A)
2
0.5
5
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs
VGS = 0, Ta = 25°C
Pulse Test
Typical Capacitance vs.
Drain to Source Voltage
10,000
1,000
100
10
010
20
50
Drain to Source Voltage VDS (V)
30
40
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
200
160
120
80
40
0
824
32
Gate Charge Qg (nc)
16
20
16
12
8
4
Dynamic Input Characteristics
40
0
VDS
VGS
VDD = 25 V
50 V
80 V
ID = 10 A
VDD = 80 V
50 V
25 V
Switching Characteristics
500
200
100
50
10
5
0.2
0.5
2
20
Drain Current ID (A)
5
1
10
20
td(off)
td(on)
tf
tr
VGS = 10 V, PW = 2 µs
duty < 1 % VDD =
.
. 30 V


Número de pieza similar - 2SK1305-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK1305 HITACHI-2SK1305 Datasheet
34Kb / 6P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1305 VBSEMI-2SK1305 Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK1305 ISC-2SK1305 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK1305-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com