Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1305-E Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SK1305-E
Descripción Electrónicos  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1305-E Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1305-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1305-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1305
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
Typical Output Characteristics
Drain to Source Voltage VDS (V)
20
16
12
8
4
20
16
12
8
4
0
VGS = 2.5 V
Pulse Test
6 V
3 V
3.5 V
10 V
4 V
Typical Transfer Characteristics
3
Gate to Source Voltage VGS (V)
4
2
1
05
2
4
6
8
10
0
VDS = 10 V
Pulse Test
25
°C
–25
°C
TC = 75°C
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
6
Gate to Source Voltage VGS (V)
8
4
2
010
1.0
1.5
2.0
2.5
0
0.5
Pulse Test
ID = 2 A
5 A
10 A
5
Drain Current ID (A)
10
2
150
0.2
0.5
1
2
5
0.5
0.1
0.05
20
Static Drain to Source on State
Resistance vs. Drain Current
VGS = 4 V
10 V
Pulse Test
30
20
10
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
100
10
100
1,000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
30
1.0
1
Ta = 25
°C
DC
Operation
(T
C =
25
°C)
10
3
0.3
0.1
3
30
300
Operation
in
this
Area
is Limited
by
R
DS
(on)


Número de pieza similar - 2SK1305-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK1305 HITACHI-2SK1305 Datasheet
34Kb / 6P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1305 VBSEMI-2SK1305 Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK1305 ISC-2SK1305 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK1305-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com