Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1636 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza 2SK1636
Descripción Electrónicos  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1636 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1636 Datasheet HTML 1Page - Renesas Technology Corp 2SK1636 Datasheet HTML 2Page - Renesas Technology Corp 2SK1636 Datasheet HTML 3Page - Renesas Technology Corp 2SK1636 Datasheet HTML 4Page - Renesas Technology Corp 2SK1636 Datasheet HTML 5Page - Renesas Technology Corp 2SK1636 Datasheet HTML 6Page - Renesas Technology Corp 2SK1636 Datasheet HTML 7Page - Renesas Technology Corp 2SK1636 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK1636(L), 2SK1636(S)
Rev.2.00 Sep 07, 2005 page 4 of 7
1.0
40
160
Case Temperature TC (°C)
0.8
0.2
0
80
120
0
0.4
0.6
Static Drain to Source on State
Resistance vs. Temperature
–40
Pulse Test
VGS = 10 V
ID = 15 A
10 A
5 A
50
50
Forward Transfer Admittance
vs. Drain Current
0.5
20
10
5
2
1
0.5
Drain Current ID (A)
12
5
10
20
VDS = 10 V
Pulse Test
TC = –25°C
25
°C
75
°C
1,000
50
Reverse Drain Current IDR (A)
Body to Drain Diode Reverse
Recovery Time
0.5
200
100
20
10
12
5
10
20
di/dt = 100 A/
µs, Ta = 25°C
VGS = 0
500
50
10,000
20
50
Drain to Source Voltage VDS (V)
10
30
40
Typical Capacitance vs.
Drain to Source Voltage
0
1,000
100
10
VGS = 0
f = 1 MHz
Crss
Coss
Ciss
500
40
100
Gate Charge Qg (nc)
Dynamic Input Characteristics
400
100
20
60
80
0
200
300
20
16
4
0
8
12
VDD = 50 V
100 V
200 V
VDD = 200 V
100 V
50 V
ID = 15 A
VGS
VDS
500
20
Drain Current ID (A)
0.2
Switching Characteristics
200
100
50
20
10
5
0.5
2
5
110
VGS = 10 V, PW = 2 µs
duty < 1%
td (off)
tf
td (on)
tr


Número de pieza similar - 2SK1636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK1636 HITACHI-2SK1636 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1636L HITACHI-2SK1636L Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1636L ISC-2SK1636L Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK1636S HITACHI-2SK1636S Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1636S ISC-2SK1636S Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK1636

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com