Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1623STL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza 2SK1623STL-E
Descripción Electrónicos  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1623STL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1623STL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 7Page - Renesas Technology Corp 2SK1623STL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK1623(L), 2SK1623(S)
Rev.3.00 Jan 10, 2006 page 4 of 7
80
120
40
0
0.04
0.08
0.12
0.16
0.20
–40
0
160
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
50
20
10
5
2
1
0.2
0.5
1
2
5
20
Drain Current ID (A)
10
0.5
1000
200
100
50
20
10
0.5
1
5
50
Reverse Drain Current IDR (A)
10
2
20
Body to Drain Diode Reverse
Recovery Time
500
Typical Capacitance vs.
Drain to Source Voltage
10000
1000
100
10
010
20
50
Drain to Source Voltage VDS (V)
30
40
100
80
60
40
20
0
020
60
80
Gate Charge Qg (nc)
40
20
16
12
8
4
Dynamic Input Characteristics
100
0
Switching Characteristics
1000
500
200
100
20
10
0.5
1
5
50
Drain Current ID (A)
10
2
20
50
Case Temperature
Tc
(°C)
25°C
75°C
VDS = 10 V
Pulse Test
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
Pulse Test
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
VGS
VDS
ID = 20 A
tf
tr
td(off)
td(on)
VDD = 25 V
50 V
80 V
VDD = 80 V
50 V
25 V
VGS = 10 V, VDD = 30 V
PW = 2
µs, duty ≤ 1 %
Tc = –25°C
ID = 20 A
10 V
VGS = 4 V
Pulse Test
5 A, 10 A
10 A
20 A
5 A


Número de pieza similar - 2SK1623STL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK1623S HITACHI-2SK1623S Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1623S ISC-2SK1623S Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK1623STL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com