Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1668 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SK1668
Descripción Electrónicos  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1668 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1668 Datasheet HTML 1Page - Renesas Technology Corp 2SK1668 Datasheet HTML 2Page - Renesas Technology Corp 2SK1668 Datasheet HTML 3Page - Renesas Technology Corp 2SK1668 Datasheet HTML 4Page - Renesas Technology Corp 2SK1668 Datasheet HTML 5Page - Renesas Technology Corp 2SK1668 Datasheet HTML 6Page - Renesas Technology Corp 2SK1668 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1668
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
Drain to Source Voltage VDS (V)
0
2
4
6
8
10
14
8
12
16
20
Pulse Test
5.5 V
5 V
4.5 V
10 V
6 V
VGS = 4 V
Typical Output Characteristics
Gate to Source Voltage VGS (V)
2
4
6
8
10
02
6
8
10
Tc = 75
°C
25
°C
– 25
°C
VDS = 10 V
Pulse Test
4
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
2
4
6
8
10
04
8
12
16
20
Pulse Test
5 A
2 A
ID = 10 A
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
0.2
0.5
1
2
5
20
10
0.05
0.1
0.2
0.5
2
5
Drain Current ID (A)
1
Pulse Test
15 V
VGS = 10 V
Static Drain to Source on State Resistance
vs. Drain Current
40
30
20
10
0
50
100
150
200
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
13
10
30
100
300
1000
0.05
0.1
0.3
3
10
30
50
PW
=
10
ms
(1
shot)
DC
Operation
(Tc
=
25
°C)
10
µs
Operation in this area
is limited by R
DS(on)
100
µs
1 ms
Ta = 25
°C
1.0
Maximum Safe Operation Area


Número de pieza similar - 2SK1668

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK1668 HITACHI-2SK1668 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1668 ISC-2SK1668 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK1668

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com