Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1472 Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza 2SD1472
Descripción Electrónicos  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1472 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD1472 Datasheet HTML 1Page - Renesas Technology Corp 2SD1472 Datasheet HTML 2Page - Renesas Technology Corp 2SD1472 Datasheet HTML 3Page - Renesas Technology Corp 2SD1472 Datasheet HTML 4Page - Renesas Technology Corp 2SD1472 Datasheet HTML 5Page - Renesas Technology Corp 2SD1472 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SD1472
REJ03G0792-0300 Rev.3.00 Nov 30, 2007
Page 5 of 5
Package Dimensions
4.5 ± 0.1
1.8 Max
1.5 ± 0.1
0.44 Max
0.44 Max
0.48 Max
0.53 Max
1.5 1.5
3.0
φ 1
(1.5)
Previous Code
PLZZ0004CA-A
UPAK / UPAKV
MASS[Typ.]
0.050g
SC-62
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
UPAK
Ordering Information
Part Name
Quantity
Shipping Container
2SD1472CTTR-E
1000
φ 178 mm Reel, 12 mm Emboss Taping
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Número de pieza similar - 2SD1472

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1472 HITACHI-2SD1472 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
More results

Descripción similar - 2SD1472

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com