Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3161-E Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza 2SK3161-E
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3161-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK3161-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 8Page - Renesas Technology Corp 2SK3161-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SK3161
Rev.3.00 Sep 07, 2005 page 2 of 8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
200
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
15
A
Drain peak current
ID(pulse)
Note1
60
A
Body-drain diode reverse drain current
IDR
15
A
Avalanche current
IAP
Note3
15
A
Avalanche energy
EAR
Note3
15
mJ
Channel dissipation
Pch
Note2
75
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg
≥ 50 Ω
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
200
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG = ±100
µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
10
µA
VDS = 200 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.5
V
ID = 1 mA, VDS = 10V
RDS(on)
90
115
m
ID = 8 A, VGS = 10V
Note4
Static drain to source on state
resistance
RDS(on)
95
125
m
ID = 8 A, VGS = 4 V
Note4
Forward transfer admittance
|yfs|
16
20
S
ID = 8 A, VDS = 10 V
Note4
Input capacitance
Ciss
1600
pF
Output capacitance
Coss
510
pF
Reverse transfer capacitance
Crss
250
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
20
ns
Rise time
tr
120
ns
Turn-off delay time
td(off)
400
ns
Fall time
tf
170
ns
ID = 8 A, VGS = 10 V,
RL = 3.75
Body–drain diode forward voltage
VDF
0.85
V
IF = 15 A, VGS = 0
Body–drain diode reverse recovery
time
trr
100
ns
IF = 15 A, VGS = 0
diF/ dt = 50 A /µs
Note:
4. Pulse test


Número de pieza similar - 2SK3161-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK3161 HITACHI-2SK3161 Datasheet
55Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK3161(L) RENESAS-2SK3161(L)_15 Datasheet
114Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
2SK3161L HITACHI-2SK3161L Datasheet
55Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3161L ISC-2SK3161L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK3161S HITACHI-2SK3161S Datasheet
55Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Descripción similar - 2SK3161-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com