Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC1345 Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza 2SC1345
Descripción Electrónicos  Silicon NPN Epitaxial
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1345 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC1345_01 Datasheet HTML 3Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 4Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 5Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 6Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 7Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 8Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 9Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 10Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2SC1345 (K)
6
10
dB
6 dB
8 dB
4 dB
2 dB
2 dB
1 dB
8 dB
6 dB
10
dB
0.001
3.0
0.003
0.01
0.3
1.0
0.03
0.1
Collector Current IC (mA)
30
10
3
1.0
0.3
100
Contours of Constant Noise Figure
0.1
VCE = 6 V
f = 1 kHz
1 dB
10
20
50
500
1 k
100
200
Frequency f (Hz)
10
8
6
4
2
12
Noise Figure vs. Frequency
0
IC = 0.1 mA
Rg = 10 kΩ
VCE = 6 V
Collector to Emitter Voltage VCE (V)
10
8
6
4
2
0
130
310
Noise Figure vs. Collector to
Emitter Voltage
IC = 0.1 mA
Rg = 10 kΩ
f = 10 Hz


Número de pieza similar - 2SC1345_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SC1345ETZ-E RENESAS-2SC1345ETZ-E Datasheet
180Kb / 7P
   Silicon NPN Epitaxial
2SC1345FTZ-E RENESAS-2SC1345FTZ-E Datasheet
180Kb / 7P
   Silicon NPN Epitaxial
logo
Hitachi Semiconductor
2SC1345K HITACHI-2SC1345K Datasheet
43Kb / 9P
   Silicon NPN Epitaxial
More results

Descripción similar - 2SC1345_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com