Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU13NB60 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STU13NB60
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13NB60 Datasheet(HTML) 4 Page - STMicroelectronics

  STU13NB60 Datasheet HTML 1Page - STMicroelectronics STU13NB60 Datasheet HTML 2Page - STMicroelectronics STU13NB60 Datasheet HTML 3Page - STMicroelectronics STU13NB60 Datasheet HTML 4Page - STMicroelectronics STU13NB60 Datasheet HTML 5Page - STMicroelectronics STU13NB60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 3: Switching Times Test Circuits For
Resistive Load
Fig. 4: Gate Charge test Circuit
STU13NB60
4/6


Número de pieza similar - STU13NB60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STU13N60M2 STMICROELECTRONICS-STU13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STU13N65M2 STMICROELECTRONICS-STU13N65M2 Datasheet
551Kb / 16P
   N-channel 650 V, 0.37 ??typ.,10 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
   N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
STU13NM60N STMICROELECTRONICS-STU13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
logo
Inchange Semiconductor ...
STU13NM60N ISC-STU13NM60N Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Descripción similar - STU13NB60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
   N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
   N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
June 1998
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com