Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD2101 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza 2SD2101
Descripción Electrónicos  Silicon NPN Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2101 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SD2101 Datasheet HTML 1Page - Renesas Technology Corp 2SD2101 Datasheet HTML 2Page - Renesas Technology Corp 2SD2101 Datasheet HTML 3Page - Renesas Technology Corp 2SD2101 Datasheet HTML 4Page - Renesas Technology Corp 2SD2101 Datasheet HTML 5Page - Renesas Technology Corp 2SD2101 Datasheet HTML 6Page - Renesas Technology Corp 2SD2101 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SD2101
4
0.1
0.3
1.0
3
10
Collector current IC (A)
0.1
0.3
1.0
3
10
30
100
Saturation Voltage vs. Collector Current
TC = 25°C
VBE (sat)
VCE (sat)
lC/lB = 200
500
200
0.1
0.3
1.0
3
10
1 m
10 m
100 m
1.0
10
100
1,000
Time t (s)
Transient Thermal Resistance
TC = 25°C


Número de pieza similar - 2SD2101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SD2101 HITACHI-2SD2101 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SD2101 SAVANTIC-2SD2101 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2101 JMNIC-2SD2101 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2101 ISC-2SD2101 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2101 SAVANTIC-2SD2101 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SD2101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com