Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1316 Datasheet(PDF) 4 Page - Renesas Technology Corp

No. de pieza 2SK1316
Descripción Electrónicos  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1316 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1316 Datasheet HTML 1Page - Renesas Technology Corp 2SK1316 Datasheet HTML 2Page - Renesas Technology Corp 2SK1316 Datasheet HTML 3Page - Renesas Technology Corp 2SK1316 Datasheet HTML 4Page - Renesas Technology Corp 2SK1316 Datasheet HTML 5Page - Renesas Technology Corp 2SK1316 Datasheet HTML 6Page - Renesas Technology Corp 2SK1316 Datasheet HTML 7Page - Renesas Technology Corp 2SK1316 Datasheet HTML 8Page - Renesas Technology Corp 2SK1316 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK1315(L)(S), 2SK1316(L)(S)
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
2SK1315
V
DSS
450
V
2SK1316
500
Gate to source voltage
V
GSS
±30
V
Drain current
I
D
8A
Drain peak current
I
D(pulse)*
1
32
A
Body to drain diode reverse drain current
I
DR
8A
Channel dissipation
Pch*
2
60
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at T
C =
25
°C


Número de pieza similar - 2SK1316

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK1316 HITACHI-2SK1316 Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1316 RENESAS-2SK1316 Datasheet
128Kb / 8P
   Silicon N Channel MOS FET
logo
Hitachi Semiconductor
2SK1316L HITACHI-2SK1316L Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1316L RENESAS-2SK1316L Datasheet
128Kb / 8P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1316L ISC-2SK1316L Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK1316

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com