Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3213R Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza 1N3213R
Descripción Electrónicos  Stud-Mounted Silicon Rectifier Diodes, 15 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3213R Datasheet(HTML) 4 Page - Vishay Siliconix

  1N3213R Datasheet HTML 1Page - Vishay Siliconix 1N3213R Datasheet HTML 2Page - Vishay Siliconix 1N3213R Datasheet HTML 3Page - Vishay Siliconix 1N3213R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Número de pieza similar - 1N3213R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N3213R IRF-1N3213R Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
America Semiconductor, ...
1N3213R AMERICASEMI-1N3213R Datasheet
426Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3213R GENESIC-1N3213R Datasheet
714Kb / 3P
   Silicon Standard Recovery Diode
1N3213R GENESIC-1N3213R Datasheet
808Kb / 3P
   Silicon Standard Recovery Diode
More results

Descripción similar - 1N3213R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
VS-1N3208 VISHAY-VS-1N3208 Datasheet
134Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
Revision: 12-Nov-15
VS-1N3208 VISHAY-VS-1N3208_V01 Datasheet
131Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
01-Jan-2022
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com